Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT3998N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3998N
Description  Dual N-Ch Enhancement Mode Mos.FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3998N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT3998N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3998N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STT3998N
Dual N-Ch Enhancement Mode Mos.FET
3.7 A, 20 V, RDS(ON) 58 m
Elektronische Bauelemente
27-Aug-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize a high cell density
trench process to provide low RDS(on) and to ensure minimal power
loss and heat dissipation. Typical applications are DC-DC converters
and power management in portable and battery-powered products
such as computers, printers, PCMCIA cards, cellular and cordless
telephones.
FEATURES
Low RDS(on) provide higher efficiency and extends battery
life.
Low thermal impedance copper leadframe TSOP-6 saves
board space.
Fast switching speed.
High performance trench technology.
PRODUCT SUMMARY
PRODUCT SUMMARY
VDS(V)
RDS(on) (m
ID(A)
20
58@VGS= 4.5V
3.7
82@VGS= 2.5V
3.1
ABSOLUTE MAXIMUM RATINGS(TA=25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Ratings
Unit
Maximum
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
a
TA= 25°C
ID
3.7
A
TA= 70°C
2.9
Pulsed Drain Current
b
IDM
8
A
Continuous Source Current (Diode Conduction)
a
IS
1.05
A
Power Dissipation
a
TA= 25°C
PD
1.15
W
TA= 70°C
0.7
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction to Ambient
a
t ≦ 10 sec
RJA
93
110
°C / W
Steady State
130
150
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature.
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0
0.10
B
2.60
3.00
H
0.60 REF.
C
1.40
1.80
J
0.12 REF.
D
1.10 MAX.
K
10°
E
1.90 REF.
L
0.95 REF.
F
0.30
0.50
TSOP-6
B
L
F
H
C
J
D G
K
A
E
1
23
4
5
6
G
G
S
S
D
D


Similar Part No. - STT3998N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT3998N VBSEMI-STT3998N Datasheet
520Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT3998N-C SECOS-STT3998N-C Datasheet
371Kb / 4P
   Dual N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - STT3998N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2340N SECOS-SMG2340N_15 Datasheet
141Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2398N SECOS-SMG2398N_15 Datasheet
143Kb / 2P
   N-Channel Enhancement Mode Mos.FET
STT3402N SECOS-STT3402N_15 Datasheet
467Kb / 4P
   N-Channel Enhancement Mode Mos.FET
STT3458N SECOS-STT3458N Datasheet
189Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SSE90N06-30P SECOS-SSE90N06-30P Datasheet
169Kb / 2P
   N-Channel Enhancement Mode Mos.FET
STT3810N SECOS-STT3810N Datasheet
454Kb / 4P
   N-Channel Enhancement Mode Mos.FET
SMG2370N SECOS-SMG2370N Datasheet
142Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2370N SECOS-SMG2370N_15 Datasheet
142Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2314NE SECOS-SMG2314NE_15 Datasheet
535Kb / 4P
   N-Channel Enhancement Mode Mos.FET
SSE90N06-15P SECOS-SSE90N06-15P Datasheet
355Kb / 4P
   N-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com