Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT3981 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3981
Description  P-Channel Enhancement Mode Mos.FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3981 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  STT3981 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3981 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3981 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3981 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STT3981 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Elektronische Bauelemente
STT3981
-1.6 A, -20 V, RDS(ON) 180 m
Ω
P-Channel Enhancement Mode Mos.FET
1
0-Feb-2010 Rev. C
Page 4 of 5
-
-
1.2
1.5
0.1
1
10
0.00
0.3
0.6
0.9
TJ = 25 C
TJ = 150 C
Source-Drain Diode Forward Voltage
VSD
Source-to-Drain Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
0123456
VGS Gate-to-Source Voltage (V)
On-Resistance vs. Gate-to-Source Voltage
ID = 1.9 A
0.2
0.1
0.0
0.1
0.2
0.3
50
25
0
25
50
75
100
125
150
Threshold Voltage
T-
-
-
--
J
Temperature ( C)
ID = 250 A
0.001
0
1
20
25
5
15
10
0.01
Single Pulse Power, Junction-to-Ambient
Time (sec)
0.1
10
-
Safe Operating Area, Junction-to-Case
VDS
Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
1 ms
0.1
TC = 25 C
Single Pulse
10 ms
100 ms
dc
IDM
Limited
ID(on)
Limited
rDS(on) Limited
BVDSS Limited
10 s, 1 s


Similar Part No. - STT3981

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT3981 SECOS-STT3981 Datasheet
253Kb / 5P
   P-Channel Enhancement Mode Mos.FET
logo
VBsemi Electronics Co.,...
STT3981 VBSEMI-STT3981 Datasheet
525Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Similar Description - STT3981

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT3423P SECOS-STT3423P Datasheet
501Kb / 4P
   P-Channel Enhancement Mode Mos.FET
STT3981 SECOS-STT3981 Datasheet
253Kb / 5P
   P-Channel Enhancement Mode Mos.FET
STT6405 SECOS-STT6405 Datasheet
954Kb / 4P
   P-Channel Enhancement Mode Mos.FET
SSP1027 SECOS-SSP1027 Datasheet
400Kb / 4P
   P-Channel Enhancement Mode Mos.FET
STT6405 SECOS-STT6405_09 Datasheet
861Kb / 3P
   P-Channel Enhancement Mode Mos.FET
SSG9575 SECOS-SSG9575_15 Datasheet
238Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSD9435 SECOS-SSD9435_15 Datasheet
832Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
STT6601 SECOS-STT6601 Datasheet
489Kb / 6P
   N & P-Channel Enhancement Mode Mos.FET
SSG4957 SECOS-SSG4957 Datasheet
429Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSG9563 SECOS-SSG9563 Datasheet
500Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com