Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT3599C Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3599C
Description  N & P-Channel Enhancement Mode Mos.FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3599C Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  STT3599C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3599C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3599C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3599C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STT3599C Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STT3599C Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH STT3599C Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STT3599C
(N-Ch) 3.7 A, 30 V, RDS(ON) 63 m
(P-Ch) -2.7 A, -30 V, RDS(ON) 112 m
N & P-Channel Enhancement Mode Mos.FET
Elektronische Bauelemente
19-Jul-2010 Rev. A
Page 5 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.


Similar Part No. - STT3599C

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT3599C VBSEMI-STT3599C Datasheet
613Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT3599C SECOS-STT3599C_15 Datasheet
327Kb / 7P
   N & P-Channel Enhancement Mode Mos.FET
More results

Similar Description - STT3599C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT6601 SECOS-STT6601 Datasheet
489Kb / 6P
   N & P-Channel Enhancement Mode Mos.FET
STT3524C SECOS-STT3524C Datasheet
92Kb / 2P
   N & P-Channel Enhancement Mode Mos.FET
STT3599C SECOS-STT3599C_15 Datasheet
327Kb / 7P
   N & P-Channel Enhancement Mode Mos.FET
STT3520C SECOS-STT3520C Datasheet
591Kb / 7P
   N & P-Channel Enhancement Mode Mos.FET
STT3524C SECOS-STT3524C_15 Datasheet
92Kb / 2P
   N & P-Channel Enhancement Mode Mos.FET
STT3981 SECOS-STT3981_10 Datasheet
908Kb / 5P
   P-Channel Enhancement Mode Mos.FET
STT3423P SECOS-STT3423P Datasheet
501Kb / 4P
   P-Channel Enhancement Mode Mos.FET
STT3981 SECOS-STT3981 Datasheet
253Kb / 5P
   P-Channel Enhancement Mode Mos.FET
STT6405 SECOS-STT6405 Datasheet
954Kb / 4P
   P-Channel Enhancement Mode Mos.FET
SSP1027 SECOS-SSP1027 Datasheet
400Kb / 4P
   P-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com