Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSQ6N60 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSQ6N60
Description  N-Ch Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSQ6N60 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSQ6N60 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSQ6N60 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSQ6N60 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSQ6N60 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSQ6N60
2.6A, 600V, RDS(ON) 1500mΩ
N-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
02-Dec-2010 Rev.A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBO MIN.
TYP. MAX. UNIT
TEST CONDITIONS
Static
Gate-Threshold Voltage
VGS(th)
2
-
4
V
VDS= VGS, ID = 250 μA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS = 0V, VGS= ±20V
Zero Gate Voltage Drain Current
IDSS
-
-
25
μA
VDS= 600V, VGS= 0V
-
-
250
VDS= 480V,
VGS= 0V, TJ=125°C
On-State Drain Current
1
ID(on)
5
-
-
A
VDS = 10V, VGS= 10V
Drain-Source On-Resistance
1
RDS(ON)
-
-
1500
mΩ
VGS= 10V, ID= 2.2 A
Forward Transconductance
1
gfs
-
2.5
-
S
VDS= 40V, ID= 2.2 A
Diode Forward Voltage
VSD
-
1.4
-
V
IS= 2.6 A, VGS= 0 V
Dynamic
2
Total Gate Charge
Qg
-
16
-
nC
VDS = 480 V
VGS = 10 V
ID = 2.2 A
Gate-Source Charge
Qgs
-
3.4
-
Gate-Drain Charge
Qgd
-
8
-
Turn-on Delay Time
Td(on)
-
12.6
-
nS
VDD= 300 V
ID= 2.2 A
VGEN = 10 V
RL= 136 
RGEN = 12 
Rise Time
Tr
-
6.8
-
Turn-off Delay Time
Td(off)
-
26.4
-
Fall Time
Tf
-
8.8
-
Input Capacitance
CISS
-
557
-
pF
VDS = 25 V
VGS = 0 V
f = 1MHz
Output Capacitance
COSS
-
84
-
Reverse Transfer Capacitance
CRSS
-
20
-
Notes
1
Pulse test:Pulse width ≦ 300 μs, duty cycle ≦ 2%.
2
Guaranteed by design, not subject to production testing.


Similar Part No. - SSQ6N60

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SSQ6.3 BEL-SSQ6.3 Datasheet
83Kb / 2P
   Square Ceramic Surface Mount Quick Acting Fuse
SSQ6.3 BEL-SSQ6.3 Datasheet
435Kb / 2P
   SQUARE CERAMIC SURFACE MONUT QUICK ACTING FUSE
SSQ6.3 BEL-SSQ6.3 Datasheet
649Kb / 4P
   Square Ceramic Surface Mount Quick Acting Fuse
logo
SeCoS Halbleitertechnol...
SSQ63N60SG SECOS-SSQ63N60SG Datasheet
444Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSQ640J SECOS-SSQ640J Datasheet
267Kb / 3P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SSQ6N60

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com