Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL23325WFRUZ-TK Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL23325WFRUZ-TK
Description  Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23325WFRUZ-TK Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL23325WFRUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL23325WFRUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL23325WFRUZ-TK Datasheet HTML 9Page - Intersil Corporation ISL23325WFRUZ-TK Datasheet HTML 10Page - Intersil Corporation ISL23325WFRUZ-TK Datasheet HTML 11Page - Intersil Corporation ISL23325WFRUZ-TK Datasheet HTML 12Page - Intersil Corporation ISL23325WFRUZ-TK Datasheet HTML 13Page - Intersil Corporation ISL23325WFRUZ-TK Datasheet HTML 14Page - Intersil Corporation ISL23325WFRUZ-TK Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ISL23325
11
FN7870.0
June 21, 2011
FIGURE 9. 10kΩ RINL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 10. 50kΩ RINL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 11. 10kΩ WIPER RESISTANCE vs TAP POSITION, VCC = 3.3V
FIGURE 12. 50kΩ WIPER RESISTANCE vs TAP POSITION, VCC = 3.3V
FIGURE 13. 10kΩ TCv vs TAP POSITION, VCC = 3.3V
FIGURE 14. 50kΩ TCv vs TAP POSITION, VCC = 3.3V
Typical Performance Curves (Continued)
-0.80
-0.40
0.00
0.40
0.80
0
64
128
192
256
TAP POSITION (DECIMAL)
-0.14
-0.07
0.00
0.07
0.14
0
64
128
192
256
TAP POSITION (DECIMAL)
0
20
40
60
80
100
0
64
128
192
256
TAP POSITION (DECIMAL)
+125°C
-40°C
+25°C
0
20
40
60
80
100
120
0
64
128
192
256
TAP POSITION (DECIMAL)
+125°C
-40°C
+25°C
0
100
200
300
400
15
63
111
159
207
255
TAP POSITION (DECIMAL)
0
20
40
60
80
15
63
111
159
207
255
TAP POSITION (DECIMAL)


Similar Part No. - ISL23325WFRUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23325WFRUZ-TK INTERSIL-ISL23325WFRUZ-TK Datasheet
757Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23325WFRUZ-TK RENESAS-ISL23325WFRUZ-TK Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - ISL23325WFRUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23425 INTERSIL-ISL23425 Datasheet
852Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23325TFVZ INTERSIL-ISL23325TFVZ Datasheet
757Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23325 RENESAS-ISL23325 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425 RENESAS-ISL23425 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425TFVZ INTERSIL-ISL23425TFVZ Datasheet
748Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Contro Potentiometer (XDCP??
September 11, 2015
logo
Renesas Technology Corp
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
logo
Intersil Corporation
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com