Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISLA212P20 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISLA212P20
Description  12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA212P20 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISLA212P20 Datasheet HTML 5Page - Intersil Corporation ISLA212P20 Datasheet HTML 6Page - Intersil Corporation ISLA212P20 Datasheet HTML 7Page - Intersil Corporation ISLA212P20 Datasheet HTML 8Page - Intersil Corporation ISLA212P20 Datasheet HTML 9Page - Intersil Corporation ISLA212P20 Datasheet HTML 10Page - Intersil Corporation ISLA212P20 Datasheet HTML 11Page - Intersil Corporation ISLA212P20 Datasheet HTML 12Page - Intersil Corporation ISLA212P20 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
ISLA212P50
9
FN7843.1
May 25, 2011
Total Power Dissipation
Normal Mode
PD
2mA LVDS, (I2E powered down,
Fs/4 Filter powered down)
809
mW
3mA LVDS, (I2E powered down,
Fs/4 Filter powered down)
823
875
mW
3mA LVDS, (I2E on, Fs/4 Filter off)
858
mW
3mA LVDS, (I2E on, Fs/4 Filter on)
892
943
mW
Nap Mode
PD
89
104
mW
Sleep Mode
PD
CSB at logic high
7
19
mW
Nap/Sleep Mode Wakeup Time
Sample Clock Running
200
µs
AC SPECIFICATIONS
Differential Nonlinearity
DNL
fIN = 105MHz
No Missing Codes
-0.7
±0.16
0.7
LSB
Integral Nonlinearity
INL
fin = 105MHz
-1.8
±0.7
1.8
LSB
Minimum Conversion Rate (Note 7)
fS MIN
80
MSPS
Maximum Conversion Rate
fS MAX
500
MSPS
Signal-to-Noise Ratio (Note 8)
SNR
fIN = 30MHz
70.3
dBFS
fIN = 105MHz
68.0
70.3
dBFS
fIN = 190MHz
69.8
dBFS
fIN = 363MHz
68.7
dBFS
fIN = 461MHz
68.1
dBFS
fIN = 605MHz
66.9
dBFS
Signal-to-Noise and Distortion
(Note 8)
SINAD
fIN = 30MHz
69.6
dBFS
fIN = 105MHz
67.5
69.6
dBFS
fIN = 190MHz
68.8
dBFS
fIN = 363MHz
68.1
dBFS
fIN = 461MHz
66.1
dBFS
fIN = 605MHz
62.4
dBFS
Effective Number of Bits (Note 8)
ENOB
fIN = 30MHz
11.27
Bits
fIN = 105MHz
10.92
11.27
Bits
fIN = 190MHz
11.14
Bits
fIN = 363MHz
11.02
Bits
fIN = 461MHz
10.69
Bits
fIN = 605MHz
10.07
Bits
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V,
OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = 500MSPS. Boldface limits apply over the
operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA212P50
UNITS
MIN
(Note 5)
TYP
MAX
(Note 5)


Similar Part No. - ISLA212P20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA212P20 INTERSIL-ISLA212P20 Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA212P20 RENESAS-ISLA212P20 Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA212P20 INTERSIL-ISLA212P20 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA212P20 INTERSIL-ISLA212P20 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA212P20 INTERSIL-ISLA212P20 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISLA212P20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA214P50_1103 INTERSIL-ISLA214P50_1103 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
logo
Renesas Technology Corp
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
logo
Intersil Corporation
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
   14-Bit, 500MSPS ADC
logo
Maxim Integrated Produc...
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
logo
Maxim Integrated Produc...
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Intersil Corporation
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
logo
Maxim Integrated Produc...
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com