Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55211IRTZ-EVAL1Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL55211IRTZ-EVAL1Z
Description  Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55211IRTZ-EVAL1Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL55211IRTZ-EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ISL55211
5
FN7868.0
June 21, 2011
Power-down Quiescent Current
TA = +25°C
0.2
0.3
0.4
mA
*
TA = -40°C to +85°C
0.15
0.45
mA
Input Bias Current
PD = 0V, current positive into pin
-5
1
+5
µA
Input Impedance
2
|| 5MΩ || pF
Turn-on Time Delay
Measured to output on
200
ns
Turn-off Time Delay
Measured to output off
400
ns
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.
Electrical Specifications VS+ = +3.3V Test Conditions: G = 12dB, VCM = open, VO = 2VP-P, RL = 200Ω differential, TA = +25°C,
differential input, differential output, input and output referenced to internal default VCM (1.2V nominal) unless otherwise specified. (Continued)
PARAMETER
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
TESTED
FIGURE 2. INTENDED CONFIGURATION
+
-
500
500
RG
RG
1:n
50
INPUT
ISL55211
VI
VO
RT
TABLE 1. ISL55211 INTENDED TRANSFORMER + INTERNAL GAIN
SETTINGS
INPUT
XFMR
TURNS
RATIO
INTERNAL
RG VALUE
(
Ω)
GAIN (V/V)
VO/VI
GAIN (dB)
VO/VI
RT VALUE (Ω)
TO GET 50
Ω
MATCH
1:1.4
250
2.8
9
122
1:1.4
125
5.6
15
162
1:1.4
100
7
17
192
1:2
250
4
12
333
1:2
125
8
18
1020
1:2
100
10
20
Open


Similar Part No. - ISL55211IRTZ-EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55211IRTZ-EVAL1Z INTERSIL-ISL55211IRTZ-EVAL1Z Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
logo
Renesas Technology Corp
ISL55211IRTZ-EVAL1Z RENESAS-ISL55211IRTZ-EVAL1Z Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
More results

Similar Description - ISL55211IRTZ-EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
logo
Renesas Technology Corp
ISL55211 RENESAS-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4508 TI-THS4508 Datasheet
3Mb / 29P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com