Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9021AIIMZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9021AIIMZ-T
Description  250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9021AIIMZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9021AIIMZ-T Datasheet HTML 1Page - Intersil Corporation ISL9021AIIMZ-T Datasheet HTML 2Page - Intersil Corporation ISL9021AIIMZ-T Datasheet HTML 3Page - Intersil Corporation ISL9021AIIMZ-T Datasheet HTML 4Page - Intersil Corporation ISL9021AIIMZ-T Datasheet HTML 5Page - Intersil Corporation ISL9021AIIMZ-T Datasheet HTML 6Page - Intersil Corporation ISL9021AIIMZ-T Datasheet HTML 7Page - Intersil Corporation ISL9021AIIMZ-T Datasheet HTML 8Page - Intersil Corporation ISL9021AIIMZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ISL9021A
4
FN7845.0
May 27, 2011
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.5V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (VIN + 0.3)V
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 to 5.5V
ESD Rating
Human Body Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5000V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2200V
Latch-Up Passed at +85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
4 Ball WLCSP (Note 5) . . . . . . . . . . . . . . . . .
135.64
N/A
6 Lead µTDFN (Notes 6, 7) . . . . . . . . . . . . .
230
93
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
6.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications TA = -40°C to +85°C; VIN = (VO + 0.5V) to 5.5V with a minimum VIN of 1.5V; CIN = 1µF; CO = 1µF. Boldface
limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNIT
DC CHARACTERISTICS
Supply Voltage
VIN
1.5
5.5
V
VIN Undervoltage Lockout
Threshold
VUVLO+ VIN Rising
1.425
1.5
V
VUVLO- VIN Falling
1.3
1.375
V
Ground Current
IDD
Output Enabled; IO = 0; VIN = 1.5V to 5.5V
35
50
µA
Shutdown Current
IDDS
VIN = 5.5V, EN = Low, IO = 0
0.1
1.0
µA
Output Voltage Accuracy
VIN = VO + 0.5V to 5.5V, IO = 1mA to 250mA, TJ = +25°C
-0.8
+0.8
%
VIN = VO + 0.5V to 5.5V, IO = 1mA to 250mA, TJ = -40°C to +125°C
-1.8
+1.8
%
Maximum Output Current
IMAX
Continuous
250
mA
Internal Current Limit
ILIM
260
mA
Dropout Voltage (Notes 8, 9)
VDO
IO = 250mA; VO > 1.8V
150
250
mV
Thermal Shutdown Temperature
TSD
160
°C
Thermal Shutdown Hysteresis
20
°C
AC CHARACTERISTICS
Ripple Rejection (Note 8)
VIN = 4.5V, VO = 3.3V @ 1kHz
60
dB
VIN = 4.5V, VO = 3.3V @ 10kHz
75
dB
VIN = 4.5V, VO = 3.3V @ 1MHz
50
dB
Output Noise Voltage (Note 8)
VIN = 4.2V, TA = +25°C, BW = 10Hz to 100kHz, IO = 10mA
8.5*V
O
µVRM
S
DEVICE START-UP CHARACTERISTICS
Device Enable Time
tEN
Time from assertion of the EN pin to when the output voltage
reaches 95% of the VO (nom)
250
600
µs
LDO Soft-start Ramp Rate
tSSR
Slope of linear portion of LDO output voltage ramp during start-up
30
60
µs/V


Similar Part No. - ISL9021AIIMZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021AIIMZ-T INTERSIL-ISL9021AIIMZ-T Datasheet
325Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
December 20, 2012
logo
Renesas Technology Corp
ISL9021AIIMZ-T RENESAS-ISL9021AIIMZ-T Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
More results

Similar Description - ISL9021AIIMZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021AIINZ-T INTERSIL-ISL9021AIINZ-T Datasheet
325Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
December 20, 2012
ISL9021 INTERSIL-ISL9021 Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com