Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCB-60T03C Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0RCB-60T03C
Description  ISOLATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCB-60T03C Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0RCB-60T03C Datasheet HTML 1Page - Bel Fuse Inc. 0RCB-60T03C Datasheet HTML 2Page - Bel Fuse Inc. 0RCB-60T03C Datasheet HTML 3Page - Bel Fuse Inc. 0RCB-60T03C Datasheet HTML 4Page - Bel Fuse Inc. 0RCB-60T03C Datasheet HTML 5Page - Bel Fuse Inc. 0RCB-60T03C Datasheet HTML 6Page - Bel Fuse Inc. 0RCB-60T03C Datasheet HTML 7Page - Bel Fuse Inc. 0RCB-60T03C Datasheet HTML 8Page - Bel Fuse Inc. 0RCB-60T03C Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
1
ISOLATED DC/DC CONVERTERS
48 Vdc Input
3.3 Vdc /15 A Output, 1/8 Brick Converter
Nov. 30, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Features
Isolated
Output Over-Voltage Shutdown
High Efficiency
OCP/SCP
High Power Density
Over Temperature Protection
Fixed Frequency (300 kHz)
Remote On/Off
Low Cost
Output Voltage Trim
Input Under-Voltage Lockout
Positive/Negative Remote Sense
Pre-Bias Start Up
Basic Insulation
UL 60950-1, 2
nd Edition
CSA C22.2 , 2
nd Edition
Applications
Networking
Computers and peripherals
Telecommunications
Description
The 0RCB-60T03C is isolated dc/dc converter that operates from a nominal 48 Vdc source. This unit will provide
up to 49.5 W of output power from a nominal 48 Vdc input. This unit is designed to be highly efficient and low
cost. Features include remote on/off, over current protection and under-voltage lockout. This converter is
provided in an industry standard eighth brick package.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
3.3 Vdc
36 Vdc - 75 Vdc
15 A
49.5 W
90%
0RCB-60T03C
Notes: Add “G” suffix at the end of the model number to indicate Tray Packaging.
Part Number Explanation
0 R CB – 60 T 03 C
1 2
3
4
5 6
7
1---Through hole
2---RoHS 6, change “R” to “7” means RoHS 5
3---Series name
4---Series code
5---Input range (36-75V)
6---Output voltage 3.3V
7---Suffix
0RCB-60T03C Rev.B
RoHS Compliant
File Rev.A


Similar Part No. - 0RCB-60T03C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCB-60T03X BEL-0RCB-60T03X Datasheet
261Kb / 9P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCB-60T03C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com