Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1086220M05 Datasheet(PDF) 3 Page - Seme LAB

Part # LT1086220M05
Description  LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LT1086220M05 Datasheet(HTML) 3 Page - Seme LAB

  LT1086220M05 Datasheet HTML 1Page - Seme LAB LT1086220M05 Datasheet HTML 2Page - Seme LAB LT1086220M05 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Prelim. 5/95
LAB
SEME
LT1086–220M–05
LT1086–05–220M
LT1086–12–220M
MILITARY VERSION
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
ICL
Current Limit
IQ
Quiescent Current
Minimum Load Current 4
REG(THERM) Thermal Regulation
RA
Ripple Rejection
IPIN
Adjust Pin Current
DIPIN
Adjust Pin Current Change
TS
Temperature Stability
Long Term Stability
VN
RMS Output Noise
RqJC
Thermal Resistance
Junction – Case
Output
Parameter
Voltage Test Conditions
Min.
Typ. Max.
Unit
VIN – VOUT = 5V
TJ = –55 to 150°C
VIN – VOUT = 25V
TJ = –55 to 150°C
VIN £ 20V
TJ = –55 to 150°C
VIN £ 25V
TJ = –55 to 150°C
VIN – VOUT = 25V
TJ = –55 to 150°C
TP = 30ms
TA = 25°C
TJ = –55 to 150°CVIN = 8V
COUT = 25mF Tantalum
VIN = 15V
f = 120Hz
VIN – VOUT = 3V
IO = 1.5A
CADJ = 25mF
TJ = –55 to 150°C
VIN – VOUT = 1.5 to 15V
IO = 10mA to 1.5A
TJ = –55 to 150°C
TJ = –55 to 150°C
TA = 125°C
T = 1000 Hrs
f = 10Hz to 10kHz
TA = 25°C
Control Circuitry
Power Transistor
1.5
1.6
2.5
0.075
0.15
510
510
510
0.008
0.04
60
68
54
60
60
75
55
120
0.2
5
0.5
0.3
1
0.003
TBA
TBA
5
12
ADJ.
5
12
ADJ.
ELECTRICAL CHARACTERISTICS
(TJ = –55 to +150°C unless otherwise stated)
A
mA
%/W
dB
mA
mA
%
%
%
°C/W
Notes:
1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are
measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output
lead
» 1/8” from the package.
2. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined
by the input - output differential and the output current. Guaranteed maximum power dissipation will not be available over
the full input - output voltage range.
3. Dropout voltage is specified over the full output current range of the device.
4. Minimum load current is defined as the minimum output current required to maintain regulation. At 25V input-output
differential the device is guaranteed to regulate if the output current is greater than 10mA.


Similar Part No. - LT1086220M05

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
217Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1086 LINER-LT1086 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086CH LINER-LT1086CH Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results

Similar Description - LT1086220M05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7671ST ETC-OM7671ST Datasheet
433Kb / 3P
   1.5 AMP AND 3 AMP LOW DROPOUT 3.3 VOLTAGE POSITIVE REGULATOR
logo
Anaren Microwave
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
   RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
logo
Seme LAB
LM1086-220M SEME-LAB-LM1086-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
logo
Semtech Corporation
EZ1086C SEMTECH-EZ1086C_16 Datasheet
159Kb / 6P
   1.5 Amp Positive Voltage Regulator
EZ1086C SEMTECH-EZ1086C_06 Datasheet
156Kb / 6P
   1.5 Amp Positive Voltage Regulator
EZ1086BC SEMTECH-EZ1086BC Datasheet
70Kb / 5P
   1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1082 TSC-TS1082 Datasheet
197Kb / 6P
   10 Amp Low Dropout Positive Voltage Regulator
TS1083 TSC-TS1083 Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com