Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T4771N Datasheet(PDF) 6 Page - eupec GmbH

Part # T4771N
Description  Phase Control Thyristor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

T4771N Datasheet(HTML) 6 Page - eupec GmbH

  T4771N Datasheet HTML 1Page - eupec GmbH T4771N Datasheet HTML 2Page - eupec GmbH T4771N Datasheet HTML 3Page - eupec GmbH T4771N Datasheet HTML 4Page - eupec GmbH T4771N Datasheet HTML 5Page - eupec GmbH T4771N Datasheet HTML 6Page - eupec GmbH T4771N Datasheet HTML 7Page - eupec GmbH T4771N Datasheet HTML 8Page - eupec GmbH T4771N Datasheet HTML 9Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T 4771N
BIP AM / SM PB, 2001-04-10, Przybilla J. / Keller
6/9
Seite/page
Durchlassverluste
30
20
10
5
2
1
0,5
0,2
10
10000
5000
2000
50
20
100
200
500
1000
iG [mA]
vG [V]
+125°C
+25°C
-40°C
a
b
c
Steuercharakteristik vG = f (iG) mit Zündbereichen für VD = 12 V
Gate characteristic vG = f (iG) with triggering area for VD = 12 V
Höchstzulässige Spitzensteuerverlustleistung / Maximum rated peak gate power dissipation PGM = f (tg) :
a - 20 W/10ms
b - 40 W/1ms
c - 60 W/0,5ms


Similar Part No. - T4771N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T4771N INFINEON-T4771N Datasheet
268Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 9.0
More results

Similar Description - T4771N

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com