Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1258N Datasheet(PDF) 5 Page - eupec GmbH

Part # T1258N
Description  Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

T1258N Datasheet(HTML) 5 Page - eupec GmbH

  T1258N Datasheet HTML 1Page - eupec GmbH T1258N Datasheet HTML 2Page - eupec GmbH T1258N Datasheet HTML 3Page - eupec GmbH T1258N Datasheet HTML 4Page - eupec GmbH T1258N Datasheet HTML 5Page - eupec GmbH T1258N Datasheet HTML 6Page - eupec GmbH T1258N Datasheet HTML 7Page - eupec GmbH T1258N Datasheet HTML 8Page - eupec GmbH T1258N Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T1258N
A 513 MT3 / 21.10.87, K.-A. Rüther
A 22/87
5/10
Seite/page
Durchlasskennlinie
Erhöhung des Zth DC bei Sinus und Rechteckströmen mit unterschiedlichen Stromflusswinkeln Θ
Rise of Zth DC for sinewave and rectangular current with different current conduction angles Θ
∆Zth Θ rec / ∆Zth Θ sin
Kühlung / Cooling
Θ = 180°
Θ = 120°
Θ = 90°
Θ = 60°
Θ = 30°
∆Zth Θ rec
[°C/W]
0,00579
0,00992
0,01324
0,01857
0,02959
beidseitig
two-sided
∆Zth Θ sin
[°C/W]
0,00289
0,00453
0,00680
0,01093
0,02142
∆Zth Θ rec
[°C/W]
0,00577
0,00989
0,01320
0,01853
0,02955
anodenseitig
anode-sided
∆Zth Θ sin
[°C/W]
0,00286
0,00450
0,00676
0,01088
0,02138
∆Zth Θ rec
[°C/W]
0,00581
0,00994
0,01326
0,01860
0,02963
kathodenseitig
cathode-sided
∆Zth Θ sin
[°C/W]
0,00291
0,00454
0,00682
0,01095
0,02146
Zth Θ rec = Zth DC +
∆Zth Θ rec
Zth Θ sin = Zth DC +
∆Zth Θ sin
Tvj = Tvj max
0
1.000
2.000
3.000
4.000
5.000
6.000
7.000
1
1,1
1,2
1,3
1,4
1,5
1,6
1,7
VT [V]
Grenzdurchlaßkennlinie / Limiting on-state characteristic iT = f(vT)
Tvj = Tvj max


Similar Part No. - T1258N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T1258N ETC-T1258N Datasheet
1Mb / 3P
   PHASE CONTROL THYRISTORS
More results

Similar Description - T1258N

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com