Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T828N Datasheet(PDF) 2 Page - eupec GmbH

Part # T828N
Description  Phase Control Thyristor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

T828N Datasheet(HTML) 2 Page - eupec GmbH

  T828N Datasheet HTML 1Page - eupec GmbH T828N Datasheet HTML 2Page - eupec GmbH T828N Datasheet HTML 3Page - eupec GmbH T828N Datasheet HTML 4Page - eupec GmbH T828N Datasheet HTML 5Page - eupec GmbH T828N Datasheet HTML 6Page - eupec GmbH T828N Datasheet HTML 7Page - eupec GmbH T828N Datasheet HTML 8Page - eupec GmbH T828N Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
N
Netz-Thyristor
Phase Control Thyristor
Datenblatt / Data sheet
T828N
A 513 E2 / 03.09.86, Bösterling
A16/86
2/10
Seite/page
Thermische Eigenschaften
Mechanische Eigenschaften
Elektrische Eigenschaften / Electrical properties
Charakteristische Werte / Characteristic values
Zündverzug
gate controlled delay time
DIN IEC 60747-6
Tvj = 25 °C, iGM = 0,8 A
diG/dt = 0,8 A/µs
tgd
max.
1,4 µs
Freiwerdezeit
circuit commutated turn-off time
Tvj = Tvj max, iTM = ITAVM
vRM = 100 V, vDM = 0,67 VDRM
dvD/dt = 20 V/µs
-diT/dt = 10 A/µs
4.Kennbuchstabe / 4th letter O
tq
typ.
150
µs
Thermische Eigenschaften / Thermal properties
Innerer Wärmewiderstand
thermal resistance, junction to case
Kühlfläche / cooling surface
beidseitig / two-sided, θ = 180°sin
beidseitig / two-sided, DC
Anode / anode, θ = 180°sin
Anode / anode, DC
Kathode / cathode, θ = 180°sin
Kathode / cathode, DC
RthJC
max.
max.
max.
max.
max.
max.
0,045
0,041
0,074
0,070
0,104
0,100
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
Kühlfläche / cooling surface
beidseitig / two-sides
einseitig / single-sides
RthCH
max.
max.
0,010
0,020
°C/W
°C/W
Höchstzulässige Sperrschichttemperatur
maximum junction temperature
Tvj max
140 °C
Betriebstemperatur
operating temperature
Tc op
-40...+140 °C
Lagertemperatur
storage temperature
Tstg
-40...+140 °C
Mechanische Eigenschaften / Mechanical properties
Gehäuse, siehe Anlage
case, see annex
Seite 3
page 3
Si-Element mit Druckkontakt
Si-pellet with pressure contact
Anpresskraft
clamping force
F
5,5...8
kN
Steueranschlüsse
control terminals
DIN 46244
Gate
Kathode / cathode
A 2,8 x 0,8
A 2,8 x 0,8
Gewicht
weight
G
typ.
100 g
Kriechstrecke
creepage distance
17 mm
Schwingfestigkeit
vibration resistance
f = 50 Hz
50 m/s²


Similar Part No. - T828N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T828N ETC-T828N Datasheet
1Mb / 3P
   PHASE CONTROL THYRISTORS
More results

Similar Description - T828N

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com