Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFY9130 Datasheet(PDF) 2 Page - Seme LAB

Part # IRFY9130
Description  P-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFY9130 Datasheet(HTML) 2 Page - Seme LAB

  IRFY9130 Datasheet HTML 1Page - Seme LAB IRFY9130 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IRFY9130
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/97
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS = 0
ID = 1mA
Reference to 25°C
ID = 1mA
VGS = 10V
ID = -5.8A
VGS = 10V
ID = -9.3A
VDS = VGS
ID = 250µA
VDS ≥ 15V
IDS = -5.8A
VGS = 0
VDS = 0.8BVDSS
TJ = 125°C
VGS = 20V
VGS = –20V
VGS = 0
VDS = 25V
f = 1MHz
VGS = 10V
ID = -9.3A
VDS = 0.5BVDSS
ID = -9.3A
VDS = 0.5BVDSS
VDD = -50V
ID = -9.3A
RG = 7.5Ω
IS = -9.3A
TJ = 25°C
VGS = 0
IS = -9.3A
TJ = 25°C
di / dt ≤ 100A/µsVDD ≤ 50V
ELECTRICAL CHARACTERISTICS (T
C = 25°C unless otherwise stated)
Drain – Source Breakdown Voltage
Temperature Coefficient of
Breakdown Voltage
Static Drain – Source On–State
Resistance
Gate Threshold Voltage
Forward Transconductance
Zero Gate Voltage Drain Current
Forward Gate – Source Leakage
Reverse Gate – Source Leakage
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge
Gate – Source Charge
Gate – Drain (“Miller”) Charge
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Continuous Source Current
Pulse Source Current
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
-100
-0.1
0.31
0.36
-2
-4
2.5
-25
-250
-100
100
800
350
125
14.7
30
17.1
221
60
140
140
140
-9.3
-37
-4.7
250
3
8.7
8.7
V
V/°C
V
S(
µA
nA
pF
nC
nC
ns
A
V
ns
µC
nH
BVDSS
∆BV
DSS
∆T
J
RDS(on)
VGS(th)
gfs
IDSS
IGSS
IGSS
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
IS
ISM
VSD
trr
Qrr
LD
LS
STATIC ELECTRICAL RATINGS
DYNAMIC CHARACTERISTICS
SOURCE – DRAIN DIODE CHARACTERISTICS
Internal Drain Inductance
(from 6mm down drain lead pad to centre of die)
Internal Source Inductance (from 6mm down source lead to centre of source bond pad)
PACKAGE CHARACTERISTICS


Similar Part No. - IRFY9130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY9130C IRF-IRFY9130C Datasheet
164Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)100V, P-CHANNEL HEXFET짰 MOSFET TECHNOLOGY
logo
Seme LAB
IRFY9130C SEME-LAB-IRFY9130C Datasheet
15Kb / 1P
   P-Channel MOSFET in a Hermetically sealed
logo
International Rectifier
IRFY9130C IRF-IRFY9130C Datasheet
834Kb / 7P
   Simple Drive Requirements
IRFY9130CM IRF-IRFY9130CM Datasheet
300Kb / 6P
   POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.3ohm, Id=-11.2A)
IRFY9130CM IRF-IRFY9130CM Datasheet
164Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)100V, P-CHANNEL HEXFET짰 MOSFET TECHNOLOGY
More results

Similar Description - IRFY9130

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFY9140 SEME-LAB-IRFY9140 Datasheet
14Kb / 2P
   P-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY9140C SEME-LAB-IRFY9140C Datasheet
14Kb / 2P
   P-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY9230 SEME-LAB-IRFY9230 Datasheet
52Kb / 2P
   P-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFNJ9130 SEME-LAB-IRFNJ9130 Datasheet
21Kb / 2P
   P-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY1310M-T257 SEME-LAB-IRFY1310M-T257 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY140 SEME-LAB-IRFY140 Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFJ240 SEME-LAB-IRFJ240 Datasheet
18Kb / 2P
   N - CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFNJ540 SEME-LAB-IRFNJ540 Datasheet
42Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY340 SEME-LAB-IRFY340 Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
IRFY430M-T257 SEME-LAB-IRFY430M-T257 Datasheet
20Kb / 2P
   N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com