Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM140K-15 Datasheet(PDF) 2 Page - Seme LAB

Part # LM140K-15
Description  1 AMP POSITIVE VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM140K-15 Datasheet(HTML) 2 Page - Seme LAB

  LM140K-15 Datasheet HTML 1Page - Seme LAB LM140K-15 Datasheet HTML 2Page - Seme LAB LM140K-15 Datasheet HTML 3Page - Seme LAB LM140K-15 Datasheet HTML 4Page - Seme LAB LM140K-15 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VO
Output Voltage
VO
Low Supply
DVO
Line Regulation
DVO
Load Regulation
IQ
Quiescent Current
DIQ
Quiescent Current
Change
VN
Output Noise
Voltage
DVIN
Ripple Rejection
DVO
Dropout Voltage
RO
Output Resistance
Isc
Short Circuit Current
Ipk
Peak Output Current
Average Temperature
Coefficient of VO
Input Voltage required to
maintain line regulation
IP7805A
IP7805
LM,IP140–05
LM,IP140–05
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
IO = 1A
VIN = 10V
IO = 5mA to IMAX
PD £ PMAX
VIN = 7.5V to 20V TJ = -55 to 150°C
IO = 5mA to IMAX
PD £ PMAX
VIN = 7V to 20V
VIN = 7V to 25V
IO = 0.5 IMAX
VIN = 7.5V to 25V
TJ = -55 to 150°C
IO £ IMAX
VIN = 7.3V to 20V
VIN = 8V to 12V
TJ = -55 to 150°C
IO = 5mA to 1.5A
VIN = 10V
IO = 250mA to 750mA
IO = 5mA to IMAX
VIN = 10V
TJ = -55 to 150°C
IO £ IMAX
VIN = 10V
TJ = -55 to 150°C
IO = 5mA to IMAX
VIN = 10V
VIN = 7.5V to 20V
IO £ IMAX
TJ = -55 to 150°C
IO £ 0.5 IMAX
VIN = 8V to 25V
IO £ 0.5 IMAX
VIN = 7V to 25V
TJ = -55 to 150°C
f = 10Hz to 100kHz
VIN = 10V
IO £ IMAX
f = 120Hz
IO £ 0.5 IMAX
VIN = 8V to 18V
TJ = -55 to 150°C
IO = IMAX
f = 1 kHz
VIN = 35V
VIN = 10V
IO = 5mA
IO £ IMAX
IP140A SERIES
IP140
SERIES
IP7800A SERIES
IP7800
SERIES
LM140
SERIES
Prelim.5/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
4.8
5
5.2
4.75
5.25
4.75
5.25
50
50
50
20
25
50
25
50
6
7
0.5
0.8
0.8
1.0
40
68
68
2
5
0.6
1.2
2.4
3.3
0.6
7.3
4.95
5
5.05
4.85
5.15
4.75
5.15
310
310
310
14
212
10
25
415
725
46
4
6.5
0.2
0.5
0.1
0.8
0.1
0.8
0.2
1
40
200
68
80
68
80
2
2.5
5
0.6
1.2
2.4
3.3
0.2
2
7.3
V
V
mV
mV
mA
mA
mV
dB
V
m
W
A
mV
°C
V
1) All characteristics are measured with a capacitor across the input of 0.22
mF and a capacitor across the output of 0.1mF.
All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tp £ 10ms, d£ 5%). Output
voltage changes due to changes in internal temperature must be taken into account separately.
2) Although power dissipation is internally limited, these specifications are applicable for maximum power dissipation PMAX of 20W ,
IMAX = 1.0A.
3) TJ = 25°C unless otherwise stated.


Similar Part No. - LM140K-15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140K-15 NSC-LM140K-15 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM140K-15 TI1-LM140K-15 Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM140K-15.0 TI1-LM140K-15.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
More results

Similar Description - LM140K-15

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1R17A SEME-LAB-IP1R17A_07 Datasheet
87Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP7805SMD SEME-LAB-IP7805SMD Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
IP140A SEME-LAB-IP140A_07 Datasheet
87Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1117 ETC1-PJ1117 Datasheet
294Kb / 6P
   1 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1082 SEMTECH-EZ1082 Datasheet
66Kb / 4P
   10.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1084 SEMTECH-EZ1084 Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com