Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZ800R33KL2C Datasheet(PDF) 6 Page - eupec GmbH

Part # FZ800R33KL2C
Description  IGBT-modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FZ800R33KL2C Datasheet(HTML) 6 Page - eupec GmbH

  FZ800R33KL2C Datasheet HTML 1Page - eupec GmbH FZ800R33KL2C Datasheet HTML 2Page - eupec GmbH FZ800R33KL2C Datasheet HTML 3Page - eupec GmbH FZ800R33KL2C Datasheet HTML 4Page - eupec GmbH FZ800R33KL2C Datasheet HTML 5Page - eupec GmbH FZ800R33KL2C Datasheet HTML 6Page - eupec GmbH FZ800R33KL2C Datasheet HTML 7Page - eupec GmbH FZ800R33KL2C Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Technische Information / technical information
FZ800R33KL2C
IGBT-Module
IGBT-modules
!
"
Vorläufige Daten
preliminary data
%
2
C
" V
W
%
2
C
" V
W
%
2
C
" V
W
%
2
C
" V
W
@
&
V
W
@
&
V
W
@
&
V
W
@
&
V
W
#TRj * V6gW
#TRj * V6gW
#TRj * V6gW
#TRj * V6gW
ND87 * 4 P4 -./ * 53
-
ND87 * 4 P4 -./ * 53
-
ND87 * 4 P4 -./ * 53
-
ND87 * 4 P4 -./ * 53
-
6g u:v
0
200 400 600 800 1000 1200 1400 1600
1400
1200
1000
800
600
400
200
0
#TRj4 '() * 5 +,
%
2
C
" V
W
%
2
C
" V
W
%
2
C
" V
W
%
2
C
" V
W
@
&
V
W
@
&
V
W
@
&
V
W
@
&
V
W
#TRj * VNDW
#TRj * VNDW
#TRj * VNDW
#TRj * VNDW
6g * 3
:4 -./ * 53
-
6g * 3
:4 -./ * 53
-
6g * 3
:4 -./ * 53
-
6g * 3
:4 -./ * 53
-
ND uPv
0
2
4
6
8 10 12 14 16 18 20
1400
1200
1000
800
600
400
200
0
#TRj4 '() * 5 +,
'
CH $ @
2
C
"
'
CH $ @
2
C
"
'
CH $ @
2
C
"
'
CH $ @
2
C
"
$
$
$
$
$
$
$
$
wAKb. * V W
wAKb. * V W
wAKb. * V W
wAKb. * V W
u v
0,001
0,01
0,1
1
10
0,1
1
10
100
wAKb. 2
Ou F Cv
Ou v
5
554
+
4 1
!41 +
45
1
54+1
41
!45
5
%
:
2
C
" V%x:W
%
:
2
C
" V%x:W
%
:
2
C
" V%x:W
%
:
2
C
" V%x:W
V%x:W
V%x:W
V%x:W
V%x:W
6= * V-=W
6= * V-=W
6= * V-=W
6= * V-=W
'() * 5 +,
'() * 5 +,
'() * 5 +,
'() * 5 +,
-= u-v
0
500 1000 1500 2000 2500 3000 3500
2000
1600
1200
800
400
0
6=4 Q


Similar Part No. - FZ800R33KL2C

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ800R33KL2C_B5 EUPEC-FZ800R33KL2C_B5 Datasheet
275Kb / 8P
   IGBT-modules
More results

Similar Description - FZ800R33KL2C

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com