Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS225R12KE3 Datasheet(PDF) 5 Page - eupec GmbH

Part # FS225R12KE3
Description  EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS225R12KE3 Datasheet(HTML) 5 Page - eupec GmbH

  FS225R12KE3_05 Datasheet HTML 1Page - eupec GmbH FS225R12KE3_05 Datasheet HTML 2Page - eupec GmbH FS225R12KE3_05 Datasheet HTML 3Page - eupec GmbH FS225R12KE3_05 Datasheet HTML 4Page - eupec GmbH FS225R12KE3_05 Datasheet HTML 5Page - eupec GmbH FS225R12KE3_05 Datasheet HTML 6Page - eupec GmbH FS225R12KE3_05 Datasheet HTML 7Page - eupec GmbH FS225R12KE3_05 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Technische Information / technical information
FS225R12KE3
IGBT-Module
IGBT-modules
!"
&
5@ (
! W
Y
&
5@ (
! W
Y
&
5@ (
! W
Y
&
5@ (
! W
Y
A
'
5@ ( 5
W
Y
A
'
5@ ( 5
W
Y
A
'
5@ ( 5
W
Y
A
'
5@ ( 5
W
Y
%76 + W CY4 %7\\ + W CY
%76 + W CY4 %7\\ + W CY
%76 + W CY4 %7\\ + W CY
%76 + W CY4 %7\\ + W CY
.C0 + Z" .4 5/ +
94 ./0 + L
.
.C0 + Z" .4 5/ +
94 ./0 + L
.
.C0 + Z" .4 5/ +
94 ./0 + L
.
.C0 + Z" .4 5/ +
94 ./0 + L
.
C qPs
0
4
8
12
16
20
24
28
32
80
70
60
50
40
30
20
10
0
%764 ()* + "
,-
%7\\4 ()* + "
,-
(
A
5@ (
!
(
A
5@ (
!
(
A
5@ (
!
(
A
5@ (
!
5@ (
5@ (
5@ (
5@ (
~BKb/ + W Y
~BKb/ + W Y
~BKb/ + W Y
~BKb/ + W Y
q s
0,001
0,01
0,1
1
10
0,001
0,01
0,1
1
~BKb/ 5@ (
Oq#E
s
Oq s
"
4
LL
4 "
4
L
4
4
4
?
4
"J
4"
&
T $A
9
5@ (
! W
&w9Y
&
T $A
9
5@ (
! W
&w9Y
&
T $A
9
5@ (
! W
&w9Y
&
T $A
9
5@ (
! W
&w9Y
'
5@ (
! W
&w9Y
'
5@ (
! W
&w9Y
'
5@ (
! W
&w9Y
'
5@ (
! W
&w9Y
5/ + W./0Y
5/ + W./0Y
5/ + W./0Y
5/ + W./0Y
.C0 + Z" .4
C7\\ + 4 P4 ()* + "
,-
.C0 + Z" .4
C7\\ + 4 P4 ()* + "
,-
.C0 + Z" .4
C7\\ + 4 P4 ()* + "
,-
.C0 + Z" .4
C7\\ + 4 P4 ()* + "
,-
./0 q.s
0
200
400
600
800 1000 1200 1400
500
450
400
350
300
250
200
150
100
50
0
5/4
5/4 -
2
$
2
! W
Y
2
$
2
! W
Y
2
$
2
! W
Y
2
$
2
! W
Y
A
W
Y
A
W
Y
A
W
Y
A
W
Y
5g + W.gY
5g + W.gY
5g + W.gY
5g + W.gY
.g q.s
0,0 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 2,2 2,4
450
375
300
225
150
75
0
()* +
,-
()* + "
,-


Similar Part No. - FS225R12KE3_05

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS225R12KE3 EUPEC-FS225R12KE3 Datasheet
245Kb / 8P
   IGBT-Modules
logo
Infineon Technologies A...
FS225R12KE3 INFINEON-FS225R12KE3 Datasheet
576Kb / 9P
   Technische Information / Technical Information
2013-02-18 revision:3.1
FS225R12KE3 INFINEON-FS225R12KE3 Datasheet
1Mb / 33P
   Evaluation Driver Boards for EconoDUAL™3 and EconoPACK™ modules
V1.3 Feb. 2011
More results

Similar Description - FS225R12KE3_05

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS300R12KE3 EUPEC-FS300R12KE3_05 Datasheet
343Kb / 8P
   EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS450R12KE3 EUPEC-FS450R12KE3 Datasheet
344Kb / 8P
   EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
logo
Infineon Technologies A...
FF300R12ME3 INFINEON-FF300R12ME3 Datasheet
299Kb / 8P
   EconoDUAL module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2011-03-01 revision:2.3
FF450R12ME3 INFINEON-FF450R12ME3 Datasheet
299Kb / 8P
   EconoDUAL module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2011-03-04 revision:2.2
logo
eupec GmbH
FS50R12KT3 EUPEC-FS50R12KT3_04 Datasheet
314Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS100R12KT3 EUPEC-FS100R12KT3_04 Datasheet
347Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS150R12KT3 EUPEC-FS150R12KT3_04 Datasheet
359Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS35R12KT3 EUPEC-FS35R12KT3_04 Datasheet
313Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS75R12KT3 EUPEC-FS75R12KT3 Datasheet
314Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
logo
Infineon Technologies A...
FF225R12ME3 INFINEON-FF225R12ME3 Datasheet
298Kb / 8P
   EconoDUAL module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2011-03-04 revision:2.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com