Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL61851FIBZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL61851FIBZ
Description  Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61851FIBZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL61851FIBZ Datasheet HTML 6Page - Intersil Corporation ISL61851FIBZ Datasheet HTML 7Page - Intersil Corporation ISL61851FIBZ Datasheet HTML 8Page - Intersil Corporation ISL61851FIBZ Datasheet HTML 9Page - Intersil Corporation ISL61851FIBZ Datasheet HTML 10Page - Intersil Corporation ISL61851FIBZ Datasheet HTML 11Page - Intersil Corporation ISL61851FIBZ Datasheet HTML 12Page - Intersil Corporation ISL61851FIBZ Datasheet HTML 13Page - Intersil Corporation ISL61851FIBZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ISL6185
10
FN6937.1
June 27, 2011
Turn-off Time Delay
During operation, once an OC condition is detected, the output
is current limited for ~12ms to allow transient OC conditions to
pass. If still in current limit and after the current limit period
has elapsed, the output is turned off, and the fault is reported
by pulling the corresponding FAULT low. The internal 12ms timer
starts upon current limiting and is independent of ambient or IC
thermal conditions, thus providing more consistent operation
over the entire temperature range.
Latch-off Restart/Auto-Restart Start
After turn-off, with the latch-off options, both the output and the
FAULT signal are latched low until they are reset by the enable
signal being de-asserted. At this time, the FAULT signal clears,
and the IC is ready for enable to assert. On the auto restart
options, the ISL6185 attempts to periodically turn-on the
output at approximately 1s intervals, as long as the enable is
asserted. If the OC condition remains indefinitely, the fault
indication and the restart attempts also continue until the
thermal protection feature is invoked, thus increasing the
restart period.
Active Output Pull-down
Another ISL6185 feature is the 10k
Ω active pull-down on the
outputs to <60mV above GND when the device is disabled, thus
ensuring discharge of the load.
Typical Performance Curves
FIGURE 3. SWITCH ON-RESISTANCE AT 0.5A
FIGURE 4. NORMALIZED SWITCH RESISTANCE
FIGURE 5. 0.6A CONTINUOUS CURRENT CHARACTERISTICS
FIGURE 6. 1.1A CONTINUOUS CURRENT CHARACTERISTICS
150
140
130
120
110
100
90
80
70
60
50
-40
-25
0
25
457585
115
TEMPERATURE (°C)
VIN = 2.5V
VIN = 3.3V
VIN = 5V
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-40
-25
0
254575
85
115
TEMPERATURE (°C)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-40
-25
0
25457585
115
TEMPERATURE (°C)
5V ISC
5V ILIM
3.3V ILIM
3.3V ISC
5V ITRIP
3.3V ITRIP
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
-40
-25
0
2545
7585
115
TEMPERATURE (°C)
3.3V ITRIP
5V ISC
5V ILIM
3.3V ILIM
3.3V ISC
5V ITRIP


Similar Part No. - ISL61851FIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL61851FIBZ INTERSIL-ISL61851FIBZ Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
More results

Similar Description - ISL61851FIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com