Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS150R12KT3 Datasheet(PDF) 2 Page - eupec GmbH

Part # FS150R12KT3
Description  EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS150R12KT3 Datasheet(HTML) 2 Page - eupec GmbH

  FS150R12KT3_04 Datasheet HTML 1Page - eupec GmbH FS150R12KT3_04 Datasheet HTML 2Page - eupec GmbH FS150R12KT3_04 Datasheet HTML 3Page - eupec GmbH FS150R12KT3_04 Datasheet HTML 4Page - eupec GmbH FS150R12KT3_04 Datasheet HTML 5Page - eupec GmbH FS150R12KT3_04 Datasheet HTML 6Page - eupec GmbH FS150R12KT3_04 Datasheet HTML 7Page - eupec GmbH FS150R12KT3_04 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Technische Information / technical information
FS150R12KT3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Diode-Wechselrichter / diode-inverter
Höchstzulässige Werte / maximum rated values
9
1
$
$
%&' ( )*+
,;;<
,
0
$
1
#
0+
?
4f
)
8
9
1
#
?
: (
#
4f;<
=
8
>
$
4g
,; (
,3 : (
# 3 %&' (
)*+
4g
))
8g
Charakteristische Werte / characteristic values
#
# F
0
1
$
?
$
4f ( ) 83 ,C. (
,
4f ( ) 83 ,C. (
,
,f
3 )
3 )
3 )
,
,
%&' ( )*+
%&' (
)*+
#
4f ( ) 83
fE
(
8EM
,; (
,
,C. (
) ,
4;<
J
8
8
%&' ( )*+
%&' (
)*+
T$
$
$
1 $
4f ( ) 83
fE
(
8EM
,; (
,
,C. (
) ,
LS
A3
= 3
M+
M+
%&' ( )*+
%&' (
)*+
8
1
$
9
$
4f ( ) 83
fE
(
8EM
,; (
,
,C. (
) ,
"SQh
A3
=3
#[
#[
%&' ( )*+
%&' (
)*+
4
BG # ?
1 #
3 _
0
@Ka-
3=
!EB
b
$
$ BG # ?
1 #
3
1
0
E
c:IH@Q (
BEU#^!W E
cdSQIHQ (
BEU#^!W
@K-e
3
!EB
NTC-Widerstand / NTC-thermistor
Charakteristische Werte / characteristic values
#
# F
i
?
%- ( )*+
jk
)3
O
8 ?
1
$
lmm
lmm
%- (
*+3
lmm ( J= O
n E
)
)
o
,
$
?
%- ( )*+
9jk
3
#B
` B
`
j (
jk F p`jkqkmU E%j
EU J23 ) !WWr
`jkqkm
==A)
!


Similar Part No. - FS150R12KT3_04

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS150R12KT3 EUPEC-FS150R12KT3 Datasheet
308Kb / 8P
   IGBT-Module
More results

Similar Description - FS150R12KT3_04

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS100R12KT3 EUPEC-FS100R12KT3_04 Datasheet
347Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS75R12KT3G EUPEC-FS75R12KT3G Datasheet
348Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS50R12KT3 EUPEC-FS50R12KT3_04 Datasheet
314Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS35R12KT3 EUPEC-FS35R12KT3_04 Datasheet
313Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS75R12KT3 EUPEC-FS75R12KT3 Datasheet
314Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS25R12KT3 EUPEC-FS25R12KT3 Datasheet
313Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS450R12KE3 EUPEC-FS450R12KE3 Datasheet
344Kb / 8P
   EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
FP75R12KT3 EUPEC-FP75R12KT3_05 Datasheet
359Kb / 11P
   EconoPIM3 module with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS225R12KE3 EUPEC-FS225R12KE3_05 Datasheet
342Kb / 8P
   EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS300R12KE3 EUPEC-FS300R12KE3_05 Datasheet
343Kb / 8P
   EconoPACK with trench/fieldstop IGBT3 and EmCon High Efficiency diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com