Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL61851AIBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL61851AIBZ
Description  Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61851AIBZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL61851AIBZ Datasheet HTML 1Page - Intersil Corporation ISL61851AIBZ Datasheet HTML 2Page - Intersil Corporation ISL61851AIBZ Datasheet HTML 3Page - Intersil Corporation ISL61851AIBZ Datasheet HTML 4Page - Intersil Corporation ISL61851AIBZ Datasheet HTML 5Page - Intersil Corporation ISL61851AIBZ Datasheet HTML 6Page - Intersil Corporation ISL61851AIBZ Datasheet HTML 7Page - Intersil Corporation ISL61851AIBZ Datasheet HTML 8Page - Intersil Corporation ISL61851AIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Dual USB Port Power Supply Controller
ISL6185
The ISL6185 USB power controller family provides fully
independent overcurrent (OC) fault protection for two or more
USB ports.
This product family consists of sixteen individual functional
product variants and three package options. It is operation
rated for a nominal +2.5V to +5V range and is specified over the
full commercial and industrial temperature ranges.
Each ISL6185 type incorporates in a single package two 71m
Ω
P-channel MOSFET power switches for power control. Each
features internal current monitoring, accurate current limiting,
and current limited delay to turn-off, for system supply
protection along with control and communication I/O.
The ISL6185 family offers product variants with specified
continuous output current levels of 0.6A, 1.1A, 1.5A or 1.8A; enable
active high or low inputs; and latch off or automatic retry after
overcurrent turn-off, making these devices well suited for many
low-power applications.
This family of ICs is offered in an industry-standard SOIC pinout
and also in the 70% smaller 3x3 DFN packages providing similar
or enhanced performance in the smallest possible package.
Features
• 2.5V to 5V Operating Range
•71m
Ω Integrated Power P-channel MOSFET Switches
• Continuous Current Options for 0.6A, 1.1A, 1.5A and 1.8A
• Thermally Insensitive 12ms of Current Limiting Prior to
Turn-Off
• Output Discharges with Reverse Current Blocking When
Disabled
• Latch-off or Auto Restart Options
• 1µA Off-State Supply Current
• Enable Polarity Options
• Industry-standard Pin for Pin SOIC, and Smaller DFN Packages
Available
Applications
• USB 1, 2, 3 Port Power Management
• Low Power (18W) Electronic Circuit Limiting and Breaker
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. NORMALIZED rDS(ON) TEMPERATURE
CHARACTERISTIC CURVE
D+
D-
D+
D-
+5V
VIN
ENABLE_2
FAULT_1
ENABLE_1
FAULT_2
GND
OUT_1
OUT_2
ISL6185
U
S
B
C
O
N
T
R
O
L
L
E
R
VBUS
VBUS
USB
PORT 1
USB
PORT_2
USB PORT POWER
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-40
-25
0
25
45
75
85
115
TEMPERATURE (°C)
June 27, 2011
FN6937.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2010, 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL61851AIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL61851AIBZ INTERSIL-ISL61851AIBZ Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
More results

Similar Description - ISL61851AIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com