Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP75R12KT3 Datasheet(PDF) 7 Page - eupec GmbH

Part # FP75R12KT3
Description  EconoPIM3 module with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FP75R12KT3 Datasheet(HTML) 7 Page - eupec GmbH

Back Button FP75R12KT3 Datasheet HTML 3Page - eupec GmbH FP75R12KT3 Datasheet HTML 4Page - eupec GmbH FP75R12KT3 Datasheet HTML 5Page - eupec GmbH FP75R12KT3 Datasheet HTML 6Page - eupec GmbH FP75R12KT3 Datasheet HTML 7Page - eupec GmbH FP75R12KT3 Datasheet HTML 8Page - eupec GmbH FP75R12KT3 Datasheet HTML 9Page - eupec GmbH FP75R12KT3 Datasheet HTML 10Page - eupec GmbH FP75R12KT3 Datasheet HTML 11Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Technische Information / technical information
FP75R12KT3
IGBT-Module
IGBT-modules
2;`% >
U
W
2;`% >
U
W
2;`% >
U
W
2;`% >
U
W
<
$
2;`% 2
U
W
<
$
2;`% 2
U
W
<
$
2;`% 2
U
W
<
$
2;`% 2
U
W
"43 ( U ?W1 "4ZZ ( U ?W
"43 ( U ?W1 "4ZZ ( U ?W
"43 ( U ?W1 "4ZZ ( U ?W
"43 ( U ?W1 "4ZZ ( U ?W
+?- ( X
+1 2, ( 6
1 +,- ( H
+
+?- ( X
+1 2, ( 6
1 +,- ( H
+
+?- ( X
+1 2, ( 6
1 +,- ( H
+
+?- ( X
+1 2, ( 6
1 +,- ( H
+
? rLt
0
5 10 15 20 25 30 35 40 45 50
25
20
15
10
5
0
"431 %&' (
)*
"4ZZ1 %&' (
)*
%
>C # <
2;`% >
%
>C # <
2;`% >
%
>C # <
2;`% >
%
>C # <
2;`% >
#
#
2;`%
#
#
2;`%
#
#
2;`%
#
#
2;`%
~=Ga, ( U W
~=Ga, ( U W
~=Ga, ( U W
~=Ga, ( U W
r t
0,001
0,01
0,1
1
10
0,01
0,1
1
~=Ga, 2;`%
Kr A>t
Kr t
1
FSF
1
S
1
0
1
0
1 000S
1
0
S
1 H
F
1 0
Q !<C
2;`% >
U ` • W
Q !<C
2;`% >
U ` • W
Q !<C
2;`% >
U ` • W
Q !<C
2;`% >
U ` • W
$
2;`%
U ` • W
$
2;`%
U ` • W
$
2;`%
U ` • W
$
2;`%
U ` • W
2, ( U+,-W
2, ( U+,-W
2, ( U+,-W
2, ( U+,-W
+?- ( X
+1
?4ZZ ( S16 L1 %&' (
)*
+?- ( X
+1
?4ZZ ( S16 L1 %&' (
)*
+?- ( X
+1
?4ZZ ( S16 L1 %&' (
)*
+?- ( X
+1
?4ZZ ( S16 L1 %&' (
)*
+,- r+t
0
200
400
600
800 1000 1200 1400
160
140
120
100
80
60
40
20
0
2,1 M
2,1 *
/
!
/
>
U
W
/
!
/
>
U
W
/
!
/
>
U
W
/
!
/
>
U
W
<
U
W
<
U
W
<
U
W
<
U
W
2f ( U+fW
2f ( U+fW
2f ( U+fW
2f ( U+fW
+f r+t
0,0
0,5
1,0
1,5
2,0
2,5
3,0
150
135
120
105
90
75
60
45
30
15
0
%&' (
)*
%&' (
)*


Similar Part No. - FP75R12KT3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FP75R12KT3 EUPEC-FP75R12KT3 Datasheet
408Kb / 11P
    IGBT-inverter
logo
Infineon Technologies A...
FP75R12KT3 INFINEON-FP75R12KT3 Datasheet
572Kb / 11P
   EconoPIM3 Modul mit schnellem Trench
2013-10-03 revision:3.0
More results

Similar Description - FP75R12KT3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS50R12KT3 EUPEC-FS50R12KT3_04 Datasheet
314Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS100R12KT3 EUPEC-FS100R12KT3_04 Datasheet
347Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS150R12KT3 EUPEC-FS150R12KT3_04 Datasheet
359Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS35R12KT3 EUPEC-FS35R12KT3_04 Datasheet
313Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS75R12KT3 EUPEC-FS75R12KT3 Datasheet
314Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
logo
Infineon Technologies A...
FF300R12ME3 INFINEON-FF300R12ME3 Datasheet
299Kb / 8P
   EconoDUAL module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2011-03-01 revision:2.3
FF450R12ME3 INFINEON-FF450R12ME3 Datasheet
299Kb / 8P
   EconoDUAL module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2011-03-04 revision:2.2
FF225R12ME3 INFINEON-FF225R12ME3 Datasheet
298Kb / 8P
   EconoDUAL module with trench/fieldstop IGBT3 and EmCon High Efficiency diode
2011-03-04 revision:2.2
logo
eupec GmbH
FS75R12KT3G EUPEC-FS75R12KT3G Datasheet
348Kb / 8P
   EconoPACK3 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
FS25R12KT3 EUPEC-FS25R12KT3 Datasheet
313Kb / 8P
   EconoPACK2 with fast trench/fieldstop IGBT3 and EmCon High Efficiency diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com