Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF100R12YT3 Datasheet(PDF) 6 Page - eupec GmbH

Part # FF100R12YT3
Description  IGBT-modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FF100R12YT3 Datasheet(HTML) 6 Page - eupec GmbH

  FF100R12YT3 Datasheet HTML 1Page - eupec GmbH FF100R12YT3 Datasheet HTML 2Page - eupec GmbH FF100R12YT3 Datasheet HTML 3Page - eupec GmbH FF100R12YT3 Datasheet HTML 4Page - eupec GmbH FF100R12YT3 Datasheet HTML 5Page - eupec GmbH FF100R12YT3 Datasheet HTML 6Page - eupec GmbH FF100R12YT3 Datasheet HTML 7Page - eupec GmbH FF100R12YT3 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Technische Information / technical information
FF100R12YT3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
$
0
@
U
W
$
0
@
U
W
$
0
@
U
W
$
0
@
U
W
>
%
U
W
>
%
U
W
>
%
U
W
>
%
U
W
"SQh ) U2fW
"SQh ) U2fW
"SQh ) U2fW
"SQh ) U2fW
MA43 ) 1 O1 ,-. )
,
MA43 ) 1 O1 ,-. )
,
MA43 ) 1 O1 ,-. )
,
MA43 ) 1 O1 ,-. )
,
2f p7r
0 20 40 60 80 100 120 140 160 180 200
14
12
10
8
6
4
2
0
"SQh1 &'( )
*+
$
0
@
U
W
$
0
@
U
W
$
0
@
U
W
$
0
@
U
W
>
%
U
W
>
%
U
W
>
%
U
W
>
%
U
W
"SQh ) UMAW
"SQh ) UMAW
"SQh ) UMAW
"SQh ) UMAW
2f )
71 ,-. )
,
2f )
71 ,-. )
,
2f )
71 ,-. )
,
2f )
71 ,-. )
,
MA pOr
0
10
20
30
40
50
60
70
12
10
8
6
4
2
0
"SQh1 &'( )
*+
&
@E # >
0
@
&
@E # >
0
@
&
@E # >
0
@
&
@E # >
0
@
#
#
#
#
#
#
#
#
{?Jae ) U W
{?Jae ) U W
{?Jae ) U W
{?Jae ) U W
p r
0,001
0,01
0,1
1
10
0,01
0,1
1
{?Jae 0
Np!C@r
Np r
1
ZH
1
*
1 6I*
1
*
Z
1
I
1 *
6
1Z*H
1
i&
& #
U
W
i&
& #
U
W
i&
& #
U
W
i&
& #
U
W
i&
#
U
W
i&
#
U
W
i&
#
U
W
i&
#
U
W
M ) U&W
M ) U&W
M ) U&W
M ) U&W
&- p+ r
0
20
40
60
80 100 120 140 160
100
1000
10000
100000
M?}z


Similar Part No. - FF100R12YT3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF100R12KS4 INFINEON-FF100R12KS4 Datasheet
1Mb / 9P
   62mm C-Series module with the fast IGBT2 for high-frequency switching
2009-08-14 revision:3.4
FF100R12KS4 INFINEON-FF100R12KS4 Datasheet
634Kb / 9P
   62mm C-Serien Modul mit schnellem IGBT2 for hochfrequentes Schalten
2013-10-02 revision:3.4
FF100R12KS4 INFINEON-FF100R12KS4_13 Datasheet
634Kb / 9P
   62mm C-Serien Modul mit schnellem IGBT2 for hochfrequentes Schalten
2013-10-02 revision:3.4
FF100R12MT4 INFINEON-FF100R12MT4 Datasheet
1Mb / 9P
   EconoDUAL?? Modul mit Trench/Fieldstopp IGBT4 und Emitter Controlled 4 Diode und NTC
2009-08-12 revision:2.3
FF100R12RT4 INFINEON-FF100R12RT4 Datasheet
466Kb / 9P
   34mm Module with fast Trench/Feldstopp IGBT4 and Emitter Controlled 4 diode
2010-08-25 revision:2.1
More results

Similar Description - FF100R12YT3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com