Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZ3600S17K3_B2 Datasheet(PDF) 1 Page - eupec GmbH

Part # DZ3600S17K3_B2
Description  IGBT-modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

DZ3600S17K3_B2 Datasheet(HTML) 1 Page - eupec GmbH

  DZ3600S17K3_B2 Datasheet HTML 1Page - eupec GmbH DZ3600S17K3_B2 Datasheet HTML 2Page - eupec GmbH DZ3600S17K3_B2 Datasheet HTML 3Page - eupec GmbH DZ3600S17K3_B2 Datasheet HTML 4Page - eupec GmbH DZ3600S17K3_B2 Datasheet HTML 5Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Technische Information / technical information
DZ3600S17K3_B2
IGBT-Module
IGBT-modules
Vorläufige Daten / preliminary data
Diode-Wechselrichter / diode-inverter
Höchstzulässige Werte / maximum rated values
!
"
#
"
$%& ' ()*
+,,-
.
+
/
"
0
/*
1
23
4
!
0
#
1
5 '
0
23,-
.
4
6
"
27
+, '
+8 5 '
0 8 $%& '
()*
27
(
#47
Charakteristische Werte / characteristic values
0
0 9
/
"
1
"
23 '
48 +:; '
+
23 '
48 +:; '
+
+3
8<
8=
8
+
+
$%& ' ()*
$%& '
()*
>? #
0
#
23 '
48
3@
' (
4@A B$%&'
()*C
+, ' =
+
+:; '
( +
2,-
(
4
4
$%& ' ()*
$%& '
()*
"
"
"
"
23 '
48
3@
' (
4@A B$%&'
()*C
+, ' =
+
+:; '
( +
DE
<.(
F(
A*
A*
$%& ' ()*
$%& '
()*
4
"
!
"
23 '
48
3@
' (
4@A B$%&'
()*C
+, ' =
+
+:; '
( +
GEHI
(.(
0J
0J
$%& ' ()*
$%& '
()*
2
K 0 1
0
8 L
/
>MNOP
F8
Q@#


Similar Part No. - DZ3600S17K3_B2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DZ3600S17K3-B2 INFINEON-DZ3600S17K3-B2 Datasheet
247Kb / 5P
   IGBT-Module
2013-11-25 revision:2.2
More results

Similar Description - DZ3600S17K3_B2

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com