Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZ1070N Datasheet(PDF) 8 Page - eupec GmbH

Part # DZ1070N
Description  Rectifier Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

DZ1070N Datasheet(HTML) 8 Page - eupec GmbH

Back Button DZ1070N Datasheet HTML 2Page - eupec GmbH DZ1070N Datasheet HTML 3Page - eupec GmbH DZ1070N Datasheet HTML 4Page - eupec GmbH DZ1070N Datasheet HTML 5Page - eupec GmbH DZ1070N Datasheet HTML 6Page - eupec GmbH DZ1070N Datasheet HTML 7Page - eupec GmbH DZ1070N Datasheet HTML 8Page - eupec GmbH DZ1070N Datasheet HTML 9Page - eupec GmbH DZ1070N Datasheet HTML 10Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DZ1070N
BIP AC / 00-09-28, K.-A. Rüther
A21/00
8/9
Seite/page
Sperrverzögerungsladung
Grenzstrom
1000
10000
100000
0,1
1
10
100
-di/dt [A/µs]
iFM =
3200A
1600A
800A
400A
200A
100A
Sperrverzögerungsladung / Recovered charge Qr = f(-di/dt)
Tvj = Tvjmax, vR ≤ 0,5 VRRM, vRM = 0,8 VRRM
Parameter: Durchlaßstrom / On-state current iFM
eschaltung/Snubber: R = 2,7 Ohm; C = 1,5µF
0
4.000
8.000
12.000
16.000
20.000
24.000
28.000
0,01
0,1
1
t [s]
a
Ta = 25 °C
b
Grenzstrom je Zweig / Maximum overload on-state current per arm IF(OV)M = f(t), vRM = 0,8 VRRM
a: Leerlauf / No-load conditions
b: Vorlaststrom je Zweig / Pre-load current per arm IFAV(vor) = IFAVM
Ta = 25°C, Wasserkühlung / water cooling Kühlkörper / Heatsink type: KW70 4l/min


Similar Part No. - DZ1070N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DZ1070N18K INFINEON-DZ1070N18K Datasheet
365Kb / 10P
   Pressure contact technology for high reliability
2014-04-17 Revision 3.2
logo
Inchange Semiconductor ...
DZ1070N18K ISC-DZ1070N18K Datasheet
290Kb / 2P
   Rectifier Diode Module
logo
Infineon Technologies A...
DZ1070N22K INFINEON-DZ1070N22K Datasheet
363Kb / 10P
   Pressure contact technology for high reliability
2014-04-17 Revision 3.2
DZ1070N26K INFINEON-DZ1070N26K Datasheet
328Kb / 10P
   Pressure contact technology for high reliability
2017-02-07 Revision 3.1
DZ1070N28K INFINEON-DZ1070N28K Datasheet
319Kb / 10P
   Pressure contact technology for high reliability
2014-04-17 Revision 3.2
More results

Similar Description - DZ1070N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD261N EUPEC-DD261N Datasheet
273Kb / 10P
   Rectifier Diode Module
DD260N EUPEC-DD260N Datasheet
240Kb / 10P
   Rectifier Diode Module
ND350N EUPEC-ND350N Datasheet
242Kb / 10P
   Rectifier Diode Module
DZ950N EUPEC-DZ950N Datasheet
232Kb / 10P
   Rectifier Diode Module
logo
New Jersey Semi-Conduct...
SKKE600 NJSEMI-SKKE600 Datasheet
305Kb / 3P
   Rectifier Diode Module
logo
Inchange Semiconductor ...
DD540N22K ISC-DD540N22K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DD104N EUPEC-DD104N Datasheet
239Kb / 10P
   Rectifier Diode Module
logo
Infineon Technologies A...
DDB6U85N16L INFINEON-DDB6U85N16L Datasheet
337Kb / 7P
   Rectifier Diode Module
Rev.2
logo
Inchange Semiconductor ...
ND260N12K ISC-ND260N12K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DZ540N EUPEC-DZ540N Datasheet
274Kb / 10P
   Rectifier Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com