Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD540N Datasheet(PDF) 9 Page - eupec GmbH

Part # DD540N
Description  Rectifier Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

DD540N Datasheet(HTML) 9 Page - eupec GmbH

Back Button DD540N Datasheet HTML 2Page - eupec GmbH DD540N Datasheet HTML 3Page - eupec GmbH DD540N Datasheet HTML 4Page - eupec GmbH DD540N Datasheet HTML 5Page - eupec GmbH DD540N Datasheet HTML 6Page - eupec GmbH DD540N Datasheet HTML 7Page - eupec GmbH DD540N Datasheet HTML 8Page - eupec GmbH DD540N Datasheet HTML 9Page - eupec GmbH DD540N Datasheet HTML 10Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DD540N
BIP AC / 95-04-21, K.-A. Rüther
A109/95
9/9
Seite/page
Überstrom
0
1.000
2.000
3.000
4.000
5.000
6.000
0,01
0,1
1
10
100
1000
10000
t [s]
I FAV (vor) =
0 A
50 A
90 A
120 A
145 A
160 A
Überstrom je Zweig / Overload on-state current IF(OV)
B6- Sechspuls-Brückenschaltung, 120° Rechteck / Six-pulse bridge circuit, 120° rectangular
Kühlkörper / Heatsink type KM17 (160W) Natürliche Kühlung bei / Natural cooling at TA = 45°C
Parameter: Vorlaststrom je Zweig / Pre-load current per arm IFAV(vor)
0
1.000
2.000
3.000
4.000
5.000
6.000
0,01
0,1
1
10
100
1000
10000
t [s]
I FAV (vor) =
0 A
120 A
200 A
260 A
310 A
340 A
Überstrom je Zweig / Overload on-state current IF(OV)
B6- Sechspuls-Brückenschaltung, 120° Rechteck / Six-pulse bridge circuit 120° rectangular
Kühlkörper / Heatsink type KM17 (Papst 4650) Verstärkte Kühlung bei / Forced cooling at TA = 35°C
Parameter: Vorlaststrom je Zweig / Pre-load current per arm IFAV(vor)


Similar Part No. - DD540N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD540N INFINEON-DD540N Datasheet
347Kb / 10P
   Pressure contact technology for high reliability
2014-04-23 Revision 3.1
DD540N22K INFINEON-DD540N22K Datasheet
228Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
06.05.03 revision:1
logo
Inchange Semiconductor ...
DD540N22K ISC-DD540N22K Datasheet
340Kb / 2P
   Diode Rectifier Module
DD540N26K ISC-DD540N26K Datasheet
327Kb / 2P
   Rectifier Diode Module
More results

Similar Description - DD540N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD261N EUPEC-DD261N Datasheet
273Kb / 10P
   Rectifier Diode Module
DD260N EUPEC-DD260N Datasheet
240Kb / 10P
   Rectifier Diode Module
ND350N EUPEC-ND350N Datasheet
242Kb / 10P
   Rectifier Diode Module
DZ950N EUPEC-DZ950N Datasheet
232Kb / 10P
   Rectifier Diode Module
logo
New Jersey Semi-Conduct...
SKKE600 NJSEMI-SKKE600 Datasheet
305Kb / 3P
   Rectifier Diode Module
logo
Inchange Semiconductor ...
DD540N22K ISC-DD540N22K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DD104N EUPEC-DD104N Datasheet
239Kb / 10P
   Rectifier Diode Module
logo
Infineon Technologies A...
DDB6U85N16L INFINEON-DDB6U85N16L Datasheet
337Kb / 7P
   Rectifier Diode Module
Rev.2
logo
Inchange Semiconductor ...
ND260N12K ISC-ND260N12K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DZ540N EUPEC-DZ540N Datasheet
274Kb / 10P
   Rectifier Diode Module
DZ1070N EUPEC-DZ1070N Datasheet
231Kb / 10P
   Rectifier Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com