Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMUN5335DW Datasheet(PDF) 10 Page - SeCoS Halbleitertechnologie GmbH

Part # SMUN5335DW
Description  NPN / PNP Digital Small Signal Transistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMUN5335DW Datasheet(HTML) 10 Page - SeCoS Halbleitertechnologie GmbH

Back Button SMUN5335DW Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SMUN5335DW Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SMUN5335DW Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SMUN5335DW Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH SMUN5335DW Datasheet HTML 10Page - SeCoS Halbleitertechnologie GmbH SMUN5335DW Datasheet HTML 11Page - SeCoS Halbleitertechnologie GmbH SMUN5335DW Datasheet HTML 12Page - SeCoS Halbleitertechnologie GmbH SMUN5335DW Datasheet HTML 13Page - SeCoS Halbleitertechnologie GmbH SMUN5335DW Datasheet HTML 14Page - SeCoS Halbleitertechnologie GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Elektronische Bauelemente
SMUN5311DW Series
NPN / PNP
Digital Small Signal Transistors
18-Dec-2009 Rev. A
Page 10 of 28
CHARACTERISTIC CURVES
TYPICAL ELECTRICAL CHARACTERISTICS
SMUN5313DW PNP TRANSISTOR
Figure 27. VCE(sat) versus IC
IC, COLLECT
OR CURRENT (mA)
1
0.1
0.01
010
20
30
40
75°C
25°C
Figure 28. DC Current Gain
1000
100
10
1
10
100
IC, COLLECT
OR CURRENT (mA)
-25
°C
Figure 29. Output Capacitance
Figure 30. Output Current versus Input Voltage
100
10
1
0.1
0.01
0.001
01
25°C
Vin, INPUT VOL
TAGE (VOL
TS)
-25
°C
50
010
20
30
40
1
0.8
0.6
0.4
0.2
0
VR, REVERSE BIAS VOL
TAGE (VOL
TS)
1
2
3
4
5
6
7
8
9
Figure 31. Input Voltage versus Output Current
100
10
1
0.
1
0
10
20
30
40
IC, COLLECT
OR CURRENT (mA)
TA = -
25°C
25°C
75°C
50
IC/I
B = 10
TA = -
25°C
25°C
TA = 7
5
°C
f = 1 MHz
lE = 0 V
TA = 25
°C
VO =5 V
TA = 7
5
°C
VO =0.2 V


Similar Part No. - SMUN5335DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMUN5335DW1T1G ONSEMI-SMUN5335DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
SMUN5335DW1T1G ONSEMI-SMUN5335DW1T1G Datasheet
172Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
SMUN5335DW1T2G ONSEMI-SMUN5335DW1T2G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
SMUN5335DW1T2G ONSEMI-SMUN5335DW1T2G Datasheet
172Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
More results

Similar Description - SMUN5335DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT2227Q DIODES-MMDT2227Q Datasheet
458Kb / 6P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
logo
Micro Commercial Compon...
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
Diodes Incorporated
DST3946DPJ DIODES-DST3946DPJ_16 Datasheet
428Kb / 9P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
   PNP small signal transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com