Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPW50R140CP Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPW50R140CP
Description  CoolMOS Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW50R140CP Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPW50R140CP Datasheet HTML 1Page - Infineon Technologies AG IPW50R140CP Datasheet HTML 2Page - Infineon Technologies AG IPW50R140CP Datasheet HTML 3Page - Infineon Technologies AG IPW50R140CP Datasheet HTML 4Page - Infineon Technologies AG IPW50R140CP Datasheet HTML 5Page - Infineon Technologies AG IPW50R140CP Datasheet HTML 6Page - Infineon Technologies AG IPW50R140CP Datasheet HTML 7Page - Infineon Technologies AG IPW50R140CP Datasheet HTML 8Page - Infineon Technologies AG IPW50R140CP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
9?E,'@(+'4?
# : A 0</4==4;,>4: 9
% ,10 : ;0<,>49 2 ,<0,
) gbg7Y#- =$
( >7Y#. >M
>M - =   [! & 7*
7*
G8I8D <K
<I 1 c
 ! ,B ><,9 =409 >>30<8 ,748 ;0/,9 .0
 & C; : ?>;?>.3,<,.>0<4=>4.=
S#g[D=$7Y#gc
( >7Y#. >M
>M - ]   [!
G8I8D <K
<I &$1 c)-
G8I8D <K
<I . AM
AM
'
)'
)'
+'
+'
-'
-'
/'
/'
(''
()'
(+'
(-'
(/'
)''
'
),
,'
.,
(''
(),
(,'
(.,
'
4 *E
 +
 ] J
  ] J
   ] J
 D J
  D J
>=
>=
('
('
*
('
('
)
('
('
(
('
('
'
('
('
)
('
('
(
('
('
'
('
('
$(
$(
(
5A
5A *( +
J@E>C< GLCJ<
*(*+
*(*,
*(*/
*(+
*(,
*(/
('
('
'
('
('
$(
$(
('
('
$)
$)
('
('
$*
$*
('
('
$+
$+
('
('
$,
$,
('
('
'
('
('
$(
$(
('
('
$)
$)
*
W *=+
  4
 4
  4
 4
 4
 4
  4
  4
'
(,
(,
*'
*'
+,
+,
-'
-'
.,
.,
'
,
('
(,
)'
(
5A
5A *( +
C@D @K
<; 9
P FE JK
8K
<
eXf\fgTaVX
0 <M  
G8>< 
       


Similar Part No. - IPW50R140CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW50R140CP INFINEON-IPW50R140CP Datasheet
361Kb / 10P
   CoolMOSTM Power Transistor
Rev. 1.01 2007-02-06
logo
Inchange Semiconductor ...
IPW50R140CP ISC-IPW50R140CP Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPW50R140CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R165CP INFINEON-IPB60R165CP Datasheet
335Kb / 10P
   CoolMOS Power Transistor
Rev. 2.1 2009-06-05
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPI60R199CP INFINEON-IPI60R199CP Datasheet
323Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPP60R199CP INFINEON-IPP60R199CP Datasheet
338Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
IPW60R299CP INFINEON-IPW60R299CP Datasheet
353Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPW90R340C3 INFINEON-IPW90R340C3 Datasheet
761Kb / 11P
   CoolMOS Power Transistor
2008-07-29 revision:1.0
IPA60R125CP INFINEON-IPA60R125CP_07 Datasheet
562Kb / 10P
   CoolMos Power Transistor
2007-11-30 revision:2.1
SPA11N60CFD_1012 INFINEON-SPA11N60CFD_1012 Datasheet
560Kb / 12P
   CoolMOS Power Transistor
Rev. 1.4 2010-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com