Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1117A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SL1117A
Description  Adjustable or Fixed-Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SL1117A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SL1117A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SL1117A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SL1117A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SL1117A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SL1117A
1A Low Dropout Positive
Adjustable or Fixed-Mode Regulator
26-May-2011 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
1
2
3
4
A
M
B
D
L
K
F
G
H
J
E
C
1117

ADJ (Gnd)
Date Code
Vout
Vin
Vout
1.5V: -15
3.3V: -33
1.8V: -18
5.0V: -50
2.5V: -25
ADJ: Blank
GS1117AX

ADJ (Gnd)
Date Code
Vout
Vin
Vout
1.5V: 15
3.3V: 33
1.8V: 18
5.0V: 50
2.5V: 25
ADJ: Blank
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
The SL1117A is a low dropout at positive adjustable
or fixed-mode regulator with minimum of 1A output
current capability. The product is specifically designed
to provide well-regulated supply for low voltage IC
applications such as high-speed bus termination and
low current 3.3V logic supply. SL1117A is also well
suited for other applications such as VGA cards.
SL1117A is guaranteed to have lower than 1.4V
dropout at full load current making it ideal to provide
well-regulated outputs of 1.25 to 5.0 with 6.4V to 12V
input supply.
FEATURES
1.4Vmaximum dropout full load current
Fast transient response
Output current limiting
Built-in thermal shutdown
Good noise rejection
3-Terminal Adjustable or Fixed 1.5V, 1.8V,
2.5V, 3.3V, 5.0V
APPLICATIONS
PC peripheral
Communication
MARKING
Production A Line
Production B Line
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-223
2.5K
13’ inch
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.30
6.70
G
0.02
0.10
B
6.70
7.30
H
1.50
2.00
C
3.30
3.70
J
0.25
0.35
D
1.42
1.90
K
0.85
1.05
E
4.60 REF.
L
2.30 REF.
F
0.60
0.80
M
2.90
3.10
SOT-223


Similar Part No. - SL1117A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SL1117A SECOS-SL1117A Datasheet
595Kb / 4P
   Adjustable or Fixed-Mode Regulator
More results

Similar Description - SL1117A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM1117A SECOS-SM1117A Datasheet
569Kb / 4P
   Adjustable or Fixed-Mode Regulator
SE1086 SECOS-SE1086 Datasheet
564Kb / 4P
   Adjustable or Fixed-Mode Regulator
SL1117A SECOS-SL1117A Datasheet
595Kb / 4P
   Adjustable or Fixed-Mode Regulator
SJ1084 SECOS-SJ1084 Datasheet
604Kb / 4P
   Adjustable or Fixed-Mode Regulator
SL1118 SECOS-SL1118 Datasheet
601Kb / 4P
   Adjustable or Fixed-Mode Regulator
SU1086 SECOS-SU1086 Datasheet
605Kb / 4P
   Adjustable or Fixed-Mode Regulator
SU1117A SECOS-SU1117A Datasheet
621Kb / 4P
   Adjustable or Fixed-Mode Regulator
SJ1116 SECOS-SJ1116 Datasheet
571Kb / 4P
   Adjustable or Fixed-Mode Regulator
SU1085 SECOS-SU1085 Datasheet
631Kb / 4P
   Adjustable or Fixed-Mode Regulator
SJ1086 SECOS-SJ1086 Datasheet
593Kb / 4P
   Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com