Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USD520HR2 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # USD520HR2
Description  POWER SCHOTTKY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

USD520HR2 Datasheet(HTML) 3 Page - Microsemi Corporation

  USD520HR2 Datasheet HTML 1Page - Microsemi Corporation USD520HR2 Datasheet HTML 2Page - Microsemi Corporation USD520HR2 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER SCHOTTKY RECTIFIERS
TM
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
© 2003
02-03-2003 REV 0
SCOTTSDALE DIVISION
USD520, USD520HR2, USD535, USD535HR2,
USD545, USD545HR2, USD550, USD550HR2
MECHANICAL SPECIFICATIONS
INCHES
MILLIMETERS
A
.225 +/- .005
5.72 +/- 0.13
B
.060 MIN.
1.52 MIN.
C
.156 +/- .020
3.96 +/- 0.51
D
.156 MIN. FLAT
3.96 MIN. FLAT
E
.667 DIA. MAX
16.94 DIA. MAX.
F
.090 MAX
2.29 MAX.
G
.677 +/- .010
17.20 +/- 0.25
H
.375 MAX.
9.53 MAX.
J
.140 MIN. DIA.
3.56 MIN. DIA.
K
1.000 MAX.
25.40 MAX.
L
.450 MAX.
11.43 MAX.
M
.438 +/- .015
11.13 +/- 0.38
N
.078 MAX.
1.98 MAX.
FLEXIBLE TOP LEAD (OPTIONAL) Add an “F” suffix to Part Number.
INCHES
MILLIMETERS
M
.718 MAX
18.24 MAX
N
4.50 +/- .250
114.3 +/- 6.35
P
.525 MAX.
13.23 MAX.
Q
.675 +/- .035
17.15 +/- 0.89
R
.205 +/- .005
5.21 +/- 0.13
S
.075 +/- .010
1.91 +/- 0.25
T
1.125 MAX.
28.58 MAX.
*To 125
oC (Ambient)
Note: Consult Factory for Non-standard Lead Lengths.
DO-5 with Flexible Lead
Notes:
1.
Cathode is stud
2.
Maximum unlubricated stud torque: 30 inch pounds.
3.
Angular Orientation of terminal is undefined.
4.
Maximum tension (90
o) anode terminal 15 pounds for 30
seconds


Similar Part No. - USD520HR2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USD520 MICROSEMI-USD520 Datasheet
99Kb / 2P
   POWER SCHOTTKY RECTIFIERS
USD520 MICROSEMI-USD520 Datasheet
535Kb / 3P
   POWER SCHOTTKY RECTIFIERS
logo
Digitron Semiconductors
USD520 DIGITRON-USD520 Datasheet
132Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Microsemi Corporation
USD520-1 MICROSEMI-USD520-1 Datasheet
99Kb / 2P
   POWER SCHOTTKY RECTIFIERS
More results

Similar Description - USD520HR2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USD735 MICROSEMI-USD735 Datasheet
84Kb / 2P
   POWER SCHOTTKY RECTIFIERS
logo
New Jersey Semi-Conduct...
1N6392 NJSEMI-1N6392 Datasheet
106Kb / 1P
   POWER SCHOTTKY RECTIFIERS
USD835 NJSEMI-USD835 Datasheet
94Kb / 1P
   POWER SCHOTTKY RECTIFIERS
logo
STMicroelectronics
STPS1100U STMICROELECTRONICS-STPS1100U Datasheet
103Kb / 5P
   POWER SCHOTTKY RECTIFIERS
logo
Microsemi Corporation
USD4030C MICROSEMI-USD4030C Datasheet
89Kb / 2P
   POWER SCHOTTKY RECTIFIERS
USD4030S MICROSEMI-USD4030S Datasheet
86Kb / 2P
   POWER SCHOTTKY RECTIFIERS
USD635 MICROSEMI-USD635 Datasheet
87Kb / 2P
   POWER SCHOTTKY RECTIFIERS
logo
STMicroelectronics
STPS4045CP STMICROELECTRONICS-STPS4045CP Datasheet
59Kb / 5P
   POWER SCHOTTKY RECTIFIERS
logo
Microsemi Corporation
USD3030S MICROSEMI-USD3030S Datasheet
87Kb / 2P
   POWER SCHOTTKY RECTIFIERS
USD520-1 MICROSEMI-USD520-1 Datasheet
99Kb / 2P
   POWER SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com