Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM2110 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UM2110
Description  ATTENUATOR AND POWER PIN DIODES 2 ??30 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM2110 Datasheet(HTML) 1 Page - Microsemi Corporation

  UM2110 Datasheet HTML 1Page - Microsemi Corporation UM2110 Datasheet HTML 2Page - Microsemi Corporation UM2110 Datasheet HTML 3Page - Microsemi Corporation UM2110 Datasheet HTML 4Page - Microsemi Corporation UM2110 Datasheet HTML 5Page - Microsemi Corporation UM2110 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UM2100
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Pa
TM
®
ge
1
Copyright
 2007
Rev: 2009-01-19
ATTENUATOR AND POWER PIN DIODES
2 – 30 MHz
RoHS Compliant Versions Available
IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com
KEY FEATURES
HF band (2-30 MHz) PIN
Long Lifetime (25μs typical)
High Power ( 1kW, CW)
High Isolation (32dB)
Low Loss (0.25dB)
Very Low Distortion
(IP3=60dBm)
Voltage ratings to 1000 V
RoHS compliant packaging
Available
1
(use UMX2101B, etc.)
1
The UM2100 series of products can be
supplied with a RoHS compliant finish
(UMX2100) or with a 90/10 Sn/Pb finish.
Consult factory for details.
D E SCRI PTI ON
UM2100 Series PIN diodes are designed for transmit/receive switch
and attenuator applications in HF band (2-30MHz) and below. As
series configured switches, these long lifetime (25μs typical) diodes
can control up to 2.5 kW, CW in a 50 ohm system. In HF band,
insertion loss is less than 0.25dB and isolation is greater than 32dB
(off-state).
The UM2100 series offers the lowest distortion performance in both
transmit and receive modes. Less than 50 mA forward bias is requires
to obtain an IP3 of 60 dBm at 300 kHz with 1 watt per tone. The
forward biased resistance/reactance vs. frequency characteristics are
flat down to 10 kHz. The capacitance vs. reverse bias voltage
characteristic is flat down to 2 MHz. In attenuator configuration, the
UM2100 produces extremely low distortion at low values of attenuator
control current, and very low insertion loss (0.2dB) in the “0dB”
attenuator state.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Package
Conditions
(PD ) Power
Dissapation
(W)
( Θ )Thermal
Resistance
(
OC/W)
A
25
OC Pin Temperature
25
50V
B
12
12.5
E
½ in. total length to 25
OC
Contact Free Air
2.5
C
25
OC Stud Temperature
25
6
D
25
OC Stud Temperature
18.75
8
SM
25
OC End Cap Temperature
15
10
ALL
1 us pulse (Single)
100KW
ALL
Storage Temperature (TOP)
-65
OC to + 175 OC
ALL
Operating Temperature (TOP)
-65
OC to + 175 OC
APPLICATIONS/BENEFITS
Isolated stud package available
Surface mount package available
Soldering temperature:
260
oC for 10 seconds
maximum


Similar Part No. - UM2110

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM2110 MICROSEMI-UM2110 Datasheet
113Kb / 3P
   PIN DIODE
logo
Microchip Technology
UM2110B MICROCHIP-UM2110B Datasheet
2Mb / 221P
   Product Change Notification
03-Jul-2020
UM2110C MICROCHIP-UM2110C Datasheet
2Mb / 221P
   Product Change Notification
03-Jul-2020
More results

Similar Description - UM2110

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM2100 MICROSEMI-UM2100_05 Datasheet
329Kb / 9P
   ATTENUATOR AND POWER PIN DIODES (2-30 MHz)
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1302 ALPHA-SMP1302 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302_15 Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Microsemi Corporation
UM4300 MICROSEMI-UM4300_09 Datasheet
301Kb / 5P
   SWITCHING / ATTENUATOR PIN DIODES
logo
Skyworks Solutions Inc.
SMP1302-074LF SKYWORKS-SMP1302-074LF Datasheet
1Mb / 14P
   SMP1302 Series Switch and Attenuator Plastic Packaged PIN Diodes
logo
DAICO Industries, Inc.
DA0351 DAICO-DA0351 Datasheet
143Kb / 1P
   PIN Diode 2 Section Attenuator
logo
Siemens Semiconductor G...
BAR60 SIEMENS-BAR60 Datasheet
77Kb / 4P
   Silicon PIN Diodes (RF switch RF attenuator for frequencies above 10 MHz)
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304 Datasheet
374Kb / 6P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com