Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM9401 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # UM9401
Description  COMMERCIAL TWO WAY RADIO ANTENNA SWITCH DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM9401 Datasheet(HTML) 7 Page - Microsemi Corporation

  UM9401_09 Datasheet HTML 1Page - Microsemi Corporation UM9401_09 Datasheet HTML 2Page - Microsemi Corporation UM9401_09 Datasheet HTML 3Page - Microsemi Corporation UM9401_09 Datasheet HTML 4Page - Microsemi Corporation UM9401_09 Datasheet HTML 5Page - Microsemi Corporation UM9401_09 Datasheet HTML 6Page - Microsemi Corporation UM9401_09 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
UM9401 / UM9402 / UM9415
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page
7
TM
®
Copyright
 2007
Rev: 2009-02-05
COMMERCIAL TWO WAY RADIO
ANTENNA SWITCH DIODES
RoHS Compliant Versions Available
Maximum Transmitter Power
The maximum CW transmitter power, PT(max), a PIN diode
antenna switch can handle depends on the diode
resistance, RS, power dissipation, PD, antennae SWR, σ,
and the nominal impedance, ZO. The expression is as
follows:
2
)
(
2
1
 
D
O
D
MAX
T
R
xZ
P
P
[Watts]
Characteristic curves are shown in the data section
which gives both the maximum and typical diode
resistance, RS as a function of forward current. The
maximum power dissipation rating of the PIN diode
depends both on the length of the diode leads and the
temperature of the contacts to which the leads are
connected. A graph defining the maximum power
dissipation at various combinations of overall lead length
(L) and lead temperature (TL) is given in the data section.
From these curves and the above equation, the power
handling capability of the PIN diode may be computed for
a specific application.
Curves are also presented which show the maximum
transmitter power that an antenna
switch using UM9401s and UM9415s can safely handle
for various forward currents and lead temperatures.
These curves are based on a typical design condition of a
½ in. total overall lead length, 50 Ω line impedance, and a
totally mismatched antenna (σ = ∞). For the case of a
perfectly matched antenna, the maximum transmitter
power can be increased by a factor of 4.
Design Information
A circuit configuration for a two-way radio antenna
switch using PIN diodes consists of a diode placed in
series with the transmitter and a shunt diode placed a
quarter wavelength from the antenna in the direction of
the receiver as shown. For low frequency operation, the
quarter wave line may be simulated by lumped elements.
Typical performance of antenna
switches using PIN diodes forward biased at 100 mA is
less than 0.2 dB insertion loss and 30 dB isolation during
transmit; at zero bias the receive insertion loss is less
than 0.3 dB. This performance is achievable across a ±20
% bandwidth at center frequencies ranging from 10 to 500
MHz.
ANTENNA
ANTENNA
DC SUPPLY
D1
D2
L
D1
D2
DC SUPPLY
/4
TRANSMITTER
TRANSMITTER
RECEIVER
RECEIVER
L = ZO / 2 fO
(H)
C = 1/2
fO ZO (F)
L
CC


Similar Part No. - UM9401_09

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
More results

Similar Description - UM9401_09

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPP9401E3 MICROSEMI-UPP9401E3 Datasheet
72Kb / 2P
   POWERMITE TM PACKAGE COMMERCIAL TWO-WAY RADIO ANTENNA SWITCH DIODE
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
   Analog Two Way Radio IC
Rev.1.0
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Asahi Kasei Microsystem...
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com