Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEF301C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SEF301C
Description  3.0 AMP High Efficiency Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SEF301C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SEF301C_09 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SEF301C_09 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SEF301C ~ SEF307C
VOLTAGE 50 ~ 1000 V
3.0 AMP High Efficiency Recovery Rectifiers
18-Dec-2009 Rev. B
Page 2 of 2
RATINGS AND CHARACTERISTIC CURVES (SEF301C THRU SEF307C)


Similar Part No. - SEF301C_09

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF301C SECOS-SEF301C_15 Datasheet
288Kb / 2P
   3.0 AMP High Efficiency Recovery Rectifiers
More results

Similar Description - SEF301C_09

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF301B SECOS-SEF301B_15 Datasheet
395Kb / 2P
   3.0 Amp High Efficiency Recovery Rectifiers
SEF301C SECOS-SEF301C_15 Datasheet
288Kb / 2P
   3.0 AMP High Efficiency Recovery Rectifiers
SMF301B SECOS-SMF301B Datasheet
284Kb / 2P
   3.0 Amp High Efficiency Recovery Rectifiers
SMF301B SECOS-SMF301B_15 Datasheet
284Kb / 2P
   3.0 Amp High Efficiency Recovery Rectifiers
SUF301B SECOS-SUF301B_15 Datasheet
258Kb / 2P
   3.0 Amp High Efficiency Recovery Rectifiers
SEF301B SECOS-SEF301B_11 Datasheet
395Kb / 2P
   3.0 Amp High Efficiency Recovery Rectifiers
SEF305BS SECOS-SEF305BS Datasheet
137Kb / 2P
   600 V 3.0 Amp High Efficiency Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
HER301 YIXIN-HER301 Datasheet
255Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
US3G-2C3A-2CDO-214AB DGNJDZ-US3G-2C3A-2CDO-214AB Datasheet
106Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
US3K-2C3A-2CDO-214AA DGNJDZ-US3K-2C3A-2CDO-214AA Datasheet
154Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com