Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCS480J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS480J
Description  0.1AMP Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS480J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS480J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS480J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 2 of 2
Typical Characteristics
SCS480J
Plastic-Encapsulate Diodes
0.1AMP Schottky Barrier Rectifiers


Similar Part No. - SCS480J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS480K SECOS-SCS480K Datasheet
55Kb / 1P
   0.1A , 40V Surface Mount Schottky Barrier Rectifiers
SCS480K SECOS-SCS480K_15 Datasheet
55Kb / 1P
   Surface Mount Schottky Barrier Rectifiers
SCS480N SECOS-SCS480N Datasheet
102Kb / 2P
   Small Signal Schottky Plastic-Encapsulate Diode
More results

Similar Description - SCS480J

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
SCS500V CHENG-YI-SCS500V Datasheet
407Kb / 2P
   0.1AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS501V-40 SECOS-SCS501V-40 Datasheet
287Kb / 2P
   0.1AMP Schottky Barrier Rectifiers
logo
CHENG-YI ELECTRONIC CO....
SCS501V CHENG-YI-SCS501V Datasheet
296Kb / 2P
   0.1AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS420D SECOS-SCS420D Datasheet
572Kb / 2P
   0.1AMP Surface Mount Schottky Barrier Rectifiers
SCS425D SECOS-SCS425D Datasheet
789Kb / 2P
   0.1AMP Surface Mount Schottky Barrier Rectifiers
SCS420D SECOS-SCS420D_15 Datasheet
573Kb / 2P
   0.1AMP Surface Mount Schottky Barrier Rectifiers
SCS425D SECOS-SCS425D_15 Datasheet
790Kb / 2P
   0.1AMP Surface Mount Schottky Barrier Rectifiers
SCS500V-40 SECOS-SCS500V-40 Datasheet
1Mb / 2P
   VOLTAGE 40V 0.1AMP Schottky Barrier Rectifiers
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com