Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG78xxA Datasheet(PDF) 8 Page - Microsemi Corporation

Part # SG78xxA
Description  Positive Fixed Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG78xxA Datasheet(HTML) 8 Page - Microsemi Corporation

  SG78xxA Datasheet HTML 1Page - Microsemi Corporation SG78xxA Datasheet HTML 2Page - Microsemi Corporation SG78xxA Datasheet HTML 3Page - Microsemi Corporation SG78xxA Datasheet HTML 4Page - Microsemi Corporation SG78xxA Datasheet HTML 5Page - Microsemi Corporation SG78xxA Datasheet HTML 6Page - Microsemi Corporation SG78xxA Datasheet HTML 7Page - Microsemi Corporation SG78xxA Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SG78xxA/78xx
PRODUCT DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 1997
Rev. 1.5, 2010-07-13
TM
®
Positive Fixed Voltage Regulator
CONNECTION DIAG RAMS & ORDERING INFORMATION ( SEE NO T ES BELO W)
Package
Part No.
Ambient
Temperature Range
Connection Diagram
3-Terminal TO-3 Metal Can
K – Package
SG78xxAK/883B
-55°C to 125°C
V
IN
V
OUT
1
2
Case is Ground
SG7805AK/DESC
-55°C to 125°C
SG7812AK/DESC
-55°C to 125°C
SG7815AK/DESC
-55°C to 125°C
SG78xxAK
-55°C to 125°C
SG78xxK/883B
-55°C to 125°C
JAN7805K
-55°C to 125°C
JAN7812K
-55°C to 125°C
JAN7815K
-55°C to 125°C
SG78xxK
-55°C to 125°C
3-Pin TO-39 Metal Can
T – Package
SG78xxAT/883B
-55°C to 125°C
1
2
3
V
IN
V
OUT
GND
Case is Ground
SG7805AT/DESC
-55°C to 125°C
SG7812AT/DESC
-55°C to 125°C
SG7815AT/DESC
-55°C to 125°C
SG78xxAT
-55°C to 125°C
SG78xxT/883B
-55°C to 125°C
JAN7805T
-55°C to 125°C
JAN7812T
-55°C to 125°C
JAN7815T
-55°C to 125°C
SG78xxT
-55°C to 125°C
3-Pin Hermetic TO-257
IG – Package (Isolated)
SG78xxAIG/883B
-55°C to 125°C
V
OUT
GROUND
V
IN
SG7805AIG/DESC
-55°C to 125°C
SG7812AIG/DESC
-55°C to 125°C
SG7815AIG/DESC
-55°C to 125°C
SG78xxAIG
-55°C to 125°C
SG78xxIG/883B
-55°C to 125°C
SG78xxIG
-55°C to 125°C
20-Pin Ceramic Leadless Chip
Carrier
L – Package
SG7805AL/DESC
-55°C to 125°C
N.C.
N.C.
N.C.
GND
N.C.
N.C.
V
O SENSE
N.C.
V
IN
N.C.
1
2
3
4
5
6
7
8
910
11
12
13
14
15
16
17
18
19
20
See Notes 5 & 6
SG7812AL/DESC
-55°C to 125°C
SG7815AL/DESC
-55°C to 125°C
SG78xxL/883B
-55°C to 125°C
3-Pin Hermetic TO-257
G – Package (Case is Ground)
SG78xxAG/883B
-55°C to 125°C
V
OUT
GROUND
V
IN
Case is Ground
SG7805AG/DESC
-55°C to 125°C
SG7812AG/DESC
-55°C to 125°C
SG7815AG/DESC
-55°C to 125°C
SG78xxAG
-55°C to 125°C
SG78xxG/883B
-55°C to 125°C
SG78xxG
-55°C to 125°C
Note
1: Contact factory for JAN and DESC product availability.
2: All parts are viewed from the top.
3: “xx” to be replaced by output voltage of specific fixed regulator.
4: Some products will be available in hermetic flat pack (F). Consult factory for price and availability.
5: Both inputs and outputs must be externally connected together at the device terminals.
6: For normal operation, the VO SENSE pin must be externally connected to the load.


Similar Part No. - SG78xxA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG78XXAG MICROSEMI-SG78XXAG Datasheet
409Kb / 8P
   Positive Fixed Voltage Regulator
SG78XXAG883B MICROSEMI-SG78XXAG883B Datasheet
409Kb / 8P
   Positive Fixed Voltage Regulator
logo
Micro Electronics
SG78XXAIG MICRO-ELECTRONICS-SG78XXAIG Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG78XXAIG ETC1-SG78XXAIG Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG78XXAIG MICROSEMI-SG78XXAIG Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
More results

Similar Description - SG78xxA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG7800A ETC1-SG7800A Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG7805K-883B MICROSEMI-SG7805K-883B Datasheet
409Kb / 8P
   Positive Fixed Voltage Regulator
logo
Seme LAB
IP140ME SEME-LAB-IP140ME Datasheet
336Kb / 8P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7815T MICRO-ELECTRONICS-SG7815T Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
M3851014103BEA MICROSEMI-M3851014103BEA Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
IL78L05 KODENSHI-IL78L05 Datasheet
237Kb / 13P
   FIXED VOLTAGE REGULATOR (POSITIVE)
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A_1 Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG7824AT-883B MICROSEMI-SG7824AT-883B Datasheet
396Kb / 8P
   Positive Fixed Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com