Electronic Components Datasheet Search |
|
IP3R17AG-05 Datasheet(PDF) 4 Page - Seme LAB |
|
IP3R17AG-05 Datasheet(HTML) 4 Page - Seme LAB |
4 / 4 page LAB SEME IP1R17A IP3R17A IP1R17A IP3R17A Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612. Prelim. 4/96 IP1R17A–15 IP1R17–15 IP3R17A–15 IP3R17–15 Parameter Test Conditions 2 Min. Typ. Max. Min. Typ. Max. Units VO ∆V O ∆V I ∆V O ∆I O IQ ∆I Q VD IPEAK ISC en RθJC Output Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Dropout Voltage Ripple Rejection Thermal Regulation Peak Output Current Short Circuit Current Output Noise Voltage Thermal Resistance Junction to Case IO = -5mA to -3A POUT ≤ PMAX VIN = -18V to -30V TJ = Over Temp. Range 1 VIN = -17.5V to -35V IO = -5mA 3 TJ = Over Temp. Range 1 IO = -5mA to -3A 3 TJ = Over Temp. Range 1 IO = -5mA TJ = Over Temp. Range 1 IO = -5mA to -3A TJ = Over Temp. Range 1 IO = -5mA VIN = -17.5V to -35V TJ = Over Temp. Range 1 IO = -3A ∆V OUT = 300mV TJ = Over Temp. Range 1 IO = -1A f = 120Hz TJ = Over Temp. Range 1 tp = 20ms ∆P = P MAX VIN = -20V TJ = Over Temp. Range 1 VIN = -20V VIN = -35V f = 10Hz to 100kHz K Package G, T Package -15.45 -15 -14.55 -15.75 -14.25 16 80 32 160 32 160 64 320 5 10 5 2.2 3 50 70 0.002 0.02 -6.5 -4.5 -2.3 -1 90 1.5 2.5 3 4 -15.15 -15 -14.85 -15.45 -14.55 8 40 16 80 16 80 32 160 5 10 5 2.2 3 50 70 0.002 0.01 -6.5 -4.5 -2.3 -1 90 1.5 2.5 3 4 V V mV mV mA mA V dB %/W A A µV °C/W ELECTRICAL CHARACTERISTICS (T J = 25°C unless otherwise stated) Notes 1) Applies over full temperature range:– TJ = –55 to +150°C for IP1R17A–15 / IP1R17–15 TJ = 0 to +125°C for IP3R17A–15 / IP3R17–15 All other specifications apply at TC = 25°C unless otherwise stated. 2) Test conditions unless otherwise stated:– VIN = -20V , IOUT = -1.5A . Although Power Dissipation is internally limited, these specifications apply for Power Dissipation up to 30W for the TO–3 Package, and 20W for the TO–220 and TO–257 Packages. 3) Load and Line regulation are electrically independent and are measured using pulse techniques at low duty cycle in order to maintain constant junction temperature. To determine the effects on the output voltage due to device heating, refer to thermal regulation specification. |
Similar Part No. - IP3R17AG-05 |
|
Similar Description - IP3R17AG-05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |