Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSMLJ64A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MSMLJ64A
Description  SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSMLJ64A Datasheet(HTML) 1 Page - Microsemi Corporation

  MSMLJ64A Datasheet HTML 1Page - Microsemi Corporation MSMLJ64A Datasheet HTML 2Page - Microsemi Corporation MSMLJ64A Datasheet HTML 3Page - Microsemi Corporation MSMLJ64A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland.
6 Lake Street, Lawrence, MA 01841
Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298
Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803
Website: http://www.microsemi.com
RF01003 Rev A, June 2010
High Reliability Product Group
Page 1 of 4
DEVICES
MSMLJ5.0A thru MSMLJ170CA, e3
and MSMLG5.0A thru MSMLG170CA, e3
LEVELS
M, MA, MX, MXL
FEATURES
High reliability controlled devices with wafer fabrication and assembly lot traceability
100 % surge tested devices
Optional upscreening available by replacing the M prefix with MA, MX or MXL. These prefixes specify
various screening and conformance inspection options based on MIL-PRF-19500. Refer to MicroNote 129
for more details on the screening options.
Axial-lead equivalent packages for thru-hole mounting available as M5KP5.0A to M5KP110CA with 5000 W
rating, (consult factory for other surface mount options)
Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B
RoHS compliant devices avai
lable by adding an “e3” suffix
3σ lot norm screening performed on Standby Current I
D
APPLICATIONS / BENEFITS
Suppresses transients up to 3000 watts @ 10/1000 µs
Protection from switching transients and induced RF
Protection from ESD, and EFT per IEC 61000-4-2 and IEC 61000-4-4
Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance:
o
Class 1 & 2: MSML5.0A to MSML 170ACA
o
Class 3: MSML5.0A to MSML150CA
o
Class 4: MSML5.0A to MSML75CA
Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance:
o
Class 1: MSML5.0A to MSML170CA
o
Class 2: MSML5.0A to MSML90CA
o
Class 3: MSML5.0A to MSML48CA
o
Class 4: MSML5.0A to MSML24CA
Secondary lightning protection per IEC61000-4-5 with 2 Ohms source impedance:
o
Class 2: MSML5.0A to MSML43CA
o
Class 3: MSML5.0A to MSML22CA
o
Class 4: MSML5.0A to MSML10CA
MAXIMUM RATINGS
Peak Pulse Power dissipation at 25 ºC:
3000 watts at 10/1000 μs (also see Figures 1,2, and 3) with
impulse repetition rate (duty factor) of 0.01 % or less
tclamping (0 V to VBR min.): < 100 ps theoretical for unidirectional and < 5 ns for bidirectional
Operating and Storage temperature: -65 ºC to +150 ºC
Thermal resistance: 17.5 ºC/W junction to lead, or 77.5 ºC/W junction to ambient when mounted on FR4
PC board (1 oz Cu) with recommended footprint Steady-State Power dissipation: 6 watts at TL = 45 ºC, or
1.61 watts at TA = 25 ºC when mounted on FR4 PC board with recommended footprint (see page 2)
Forward Surge at 25 ºC: 200 Amps peak impulse of 8.3 ms half-sine wave (unidirectional only)
Solder temperatures: 260 ºC for 10 s (maximum)
SURFACE MOUNT 3000 Watt
Transient Voltage Suppressor
- High Reliability controlled devices
- Unidirectional (A) and Bidirectional (CA) construction
- Available in both J-bend and Gull-wing terminations
- Selections for 5.0 to 170 V standoff voltages (VWM)


Similar Part No. - MSMLJ64A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSMLJ43CA MICROSEMI-MSMLJ43CA Datasheet
181Kb / 4P
   MSMLJ5.0A thru MSMLJ170CA, e3 and MSMLG5.0A thru MSMLG170CA, e3
More results

Similar Description - MSMLJ64A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMLJ5.0 MICROSEMI-SMLJ5.0 Datasheet
195Kb / 4P
   SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
REV K
logo
Taiwan Semiconductor Co...
3.0SMCJ TSC-3.0SMCJ_1 Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
logo
Microsemi Corporation
SMBJ20AE3 MICROSEMI-SMBJ20AE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ100CAE3 MICROSEMI-SMBJ100CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ13CAE3 MICROSEMI-SMBJ13CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ58AE3 MICROSEMI-SMBJ58AE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG18A MICROSEMI-SMBG18A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
SMBJ15CAE3 MICROSEMI-SMBJ15CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ43CAE3 MICROSEMI-SMBJ43CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com