Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP3R17A-15 Datasheet(PDF) 2 Page - Seme LAB

Part # IP3R17A-15
Description  3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP3R17A-15 Datasheet(HTML) 2 Page - Seme LAB

  IP3R17A-15 Datasheet HTML 1Page - Seme LAB IP3R17A-15 Datasheet HTML 2Page - Seme LAB IP3R17A-15 Datasheet HTML 3Page - Seme LAB IP3R17A-15 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LAB
SEME
IP1R17A
IP3R17A
IP1R17A
IP3R17A
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/96
IP1R17A–05
IP1R17–05
IP3R17A–05
IP3R17–05
Parameter
Test Conditions 2
Min.
Typ.
Max.
Min.
Typ.
Max. Units
VO
∆V
O
∆V
I
∆V
O
∆I
O
IQ
∆I
Q
VD
IPEAK
ISC
en
RθJC
Output Voltage
Line Regulation
Load Regulation
Quiescent Current
Quiescent Current
Change
Dropout Voltage
Ripple Rejection
Thermal Regulation
Peak Output Current
Short Circuit Current
Output Noise Voltage
Thermal Resistance
Junction to Case
IO = -5mA to -3A
P
≤ P
MAX
VIN = -8V to -20V
TJ = Over Temp. Range 1
VIN = -7.5V to -35V
IO = -5mA 3
TJ = Over Temp. Range 1
IO = -5mA to -3A 3
TJ = Over Temp. Range 1
IO = -5mA
TJ = Over Temp. Range 1
IO = -5mA to -3A
TJ = Over Temp. Range 1
IO = -5mA
VIN = -7.5V to -35V
TJ = Over Temp. Range 1
IO = -3A
∆V
OUT = 100mV
TJ = Over Temp. Range 1
IO = -1A
f = 120Hz
TJ = Over Temp. Range 1
tp = 20ms
∆P = P
MAX
VIN = -10V
TJ = Over Temp. Range 1
VIN = -10V
VIN = -35V
f = 10Hz to 100kHz
K Package
G, T Package
-5.15
-5
-4.85
-5.25
-4.75
6
30
12
60
10
50
20
100
5
10
5
2.2
3
60
80
0.002
0.02
-6.5
-4.5
-4
-1
40
1.5
2.5
3
4
-5.05
-5
-4.95
-5.15
-4.85
3
15
6
30
5
25
10
50
5
10
5
2.2
3
60
80
0.002
0.01
-6.5
-4.5
-4
-1
40
1.5
2.5
3
4
V
V
mV
mV
mA
mA
V
dB
%/W
A
A
µV
°C/W
ELECTRICAL CHARACTERISTICS (T
C = 25°C unless otherwise stated)
Notes
1) Applies over full temperature range:–
TJ = –55 to +150°C for IP1R17A–05 / IP1R17–05
TJ =
0 to +125°C for IP3R17A–05 / IP3R17–05
All other specifications apply at TC = 25°C unless otherwise stated.
2) Test conditions unless otherwise stated:–
VIN = -10V , IOUT = -1.5A .
Although Power Dissipation is internally limited, these specifications apply for Power Dissipation up to 30W for the TO–3
Package, and 20W for the TO–220 and TO–257 Packages.
3) Load and Line regulation are electrically independent and are measured using pulse techniques at low duty cycle in order to
maintain constant junction temperature. To determine the effects on the output voltage due to device heating, refer to thermal
regulation specification.


Similar Part No. - IP3R17A-15

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP3R18 SEME-LAB-IP3R18 Datasheet
29Kb / 4P
   5 AMP POSITIVE VOLTAGE REGULATORS
IP3R18-05 SEME-LAB-IP3R18-05 Datasheet
29Kb / 4P
   5 AMP POSITIVE VOLTAGE REGULATORS
IP3R18-12 SEME-LAB-IP3R18-12 Datasheet
29Kb / 4P
   5 AMP POSITIVE VOLTAGE REGULATORS
IP3R18-15 SEME-LAB-IP3R18-15 Datasheet
29Kb / 4P
   5 AMP POSITIVE VOLTAGE REGULATORS
IP3R18A SEME-LAB-IP3R18A Datasheet
29Kb / 4P
   5 AMP POSITIVE VOLTAGE REGULATORS
More results

Similar Description - IP3R17A-15

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1R19A SEME-LAB-IP1R19A Datasheet
31Kb / 4P
   5 AMP FIXED NEGATIVE VOLTAGE REGULATORS
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
   3-terminal Negative Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Microsemi Corporation
SG7900 MICROSEMI-SG7900 Datasheet
374Kb / 7P
   negative fixed voltage regulators
logo
M.S. Kennedy Corporatio...
MSK5200-HTU MSK-MSK5200-HTU Datasheet
267Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
MSK5200 ETC1-MSK5200 Datasheet
246Kb / 5P
   DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5200 ANAREN-MSK5200 Datasheet
387Kb / 7P
   DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com