Electronic Components Datasheet Search |
|
S3U7808-B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
S3U7808-B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 6 page Elektronische Bauelemente S3U78xx-B Series 3-Terminal Positive Voltage Regulator 17-Dec.-2010 Rev. B Page 1 of 6 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. RoHS Compliant Product A suffix of “-C” specifies halogen and lead-free DESCRIPTION The S3U78xx-B series of fixed-voltage monolithic integrated-circuit voltage regulators designed for a wide range of applications. These applications include on-card regulation for elimination of noise and distribution problems associated with single-point regulation. Each of these regulators can deliver up to 1A of output current. The internal current limiting and thermal shutdown features of the regulators make them essentially immune to overload. FEATURES 5V,6V,8V,9V,10V,12V,15V,18V,24V Output Voltage Available Output Transistor Safe-Area Compensation No External Components Internal Thermal Overload Protection Internal Short-Circuit Current Limiting High Power Dissipation Capability MARKING PACKAGE INFORMATION Package MPQ LeaderSize TO-263 0.8K 13’ inch ABSOLUTE MAXIMUM RATINGS Parameter Symbol Value Unit 5V~18V VIN 35 V Input Voltage 24V VIN 40 V Output Current IO 1 A Operating Junction And Storage Temperature Range Tj,Tstg -55~150 °C Thermal Resistance Junction-Air RJA 65 °C / W Thermal Resistance Junction-Cases RJC 5 °C / W Millimeter Millimeter REF. Min. Max. REF. Min. Max. A 4.40 4.80 c2 1.25 1.45 b 0.76 1.00 b2 1.17 1.47 L4 0.00 0.30 D 8.6 9.0 c 0.36 0.5 e 2.54 REF. L3 1.50 REF L 14.6 15.8 L1 2.29 2.79 0° 8° E 9.80 10.4 L2 1.27 REF |
Similar Part No. - S3U7808-B |
|
Similar Description - S3U7808-B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |