Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSMLG6.0A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MSMLG6.0A
Description  SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSMLG6.0A Datasheet(HTML) 2 Page - Microsemi Corporation

  MSMLG6.0A Datasheet HTML 1Page - Microsemi Corporation MSMLG6.0A Datasheet HTML 2Page - Microsemi Corporation MSMLG6.0A Datasheet HTML 3Page - Microsemi Corporation MSMLG6.0A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland.
6 Lake Street, Lawrence, MA 01841
Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298
Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803
Website: http://www.microsemi.com
___________________________________________________________________________________________________________________________________
RF01003 Rev A, June 2010
High Reliability Product Group
Page 2 of 4
MECHANICAL AND PACKAGING
Void-free transfer molded thermosetting epoxy body meeting UL94V-0
Gull-wing or J-bend tin-lead (90 % Sn, 10 % Pb) or RoHS (100 % Sn) compliant annealed matte-tin plating
solderable per MIL-STD-750, method 2026
Cathode indicated by band. No cathode band on bi-directional devices.
Part number marked on package
Available in bulk or custom tape-and-reel packaging
TAPE-AND-REEL option available with up to 750 per 7 inch reel or up to 2500 per 13 inch reel EIA-481-B with 16
mm tape.
Add “TR” suffix to part number.
Weight: 0.25 gram (approximately)
PACKAGE DIMENSIONS
PAD LAYOUT
DIMENSIONS IN INCHES
A
B
C
D
E
F
K
L
MIN
.115
.260
.220
.305
.077
.380
.025
.030
MAX
.121
.280
.245
.320
.104
.400
.040
.060
DIMENSIONS IN MILLIMETERS
MIN
2.92
6.60
5.59
7.75
1.95
9.65
0.635
.760
MAX
3.07
7.11
6.22
8.13
2.65
10.16
1.016
1.520
Typical Standoff Height: 0.004” – 0.008” (0.1mm – 0.2mm)
INCHES
mm
A
0.390
9.90
B
0.110
2.79
C
0.150
3.81
INCHES
mm
A
0.510
12.95
B
0.110
2.79
C
0.150
3.81
SYMBOLS & DEFINITIONS
Symbol
Definition
Symbol
Definition
VWM
Working Peak (Standoff) Voltage
IPP
Peak Pulse Current
PPP
Peak Pulse Power
VC
Clamping Voltage
VBR
Breakdown Voltage
IBR
Breakdown Current for VBR
ID
Standby Current
(DO-214AB)
(DO-215AB)
(SMLJ)
(SMLG)
SMLJ (DO-214AB)
SMLG (DO-215AB)


Similar Part No. - MSMLG6.0A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSMLG6.0A MICROSEMI-MSMLG6.0A Datasheet
181Kb / 4P
   MSMLJ5.0A thru MSMLJ170CA, e3 and MSMLG5.0A thru MSMLG170CA, e3
More results

Similar Description - MSMLG6.0A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMLJ5.0 MICROSEMI-SMLJ5.0 Datasheet
195Kb / 4P
   SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
REV K
logo
Taiwan Semiconductor Co...
3.0SMCJ TSC-3.0SMCJ_1 Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
logo
Microsemi Corporation
SMBJ20AE3 MICROSEMI-SMBJ20AE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ100CAE3 MICROSEMI-SMBJ100CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ13CAE3 MICROSEMI-SMBJ13CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ58AE3 MICROSEMI-SMBJ58AE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG18A MICROSEMI-SMBG18A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
SMBJ15CAE3 MICROSEMI-SMBJ15CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ43CAE3 MICROSEMI-SMBJ43CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com