Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP4086 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP4086
Description  80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP4086_11 Datasheet HTML 1Page - Intersil Corporation HIP4086_11 Datasheet HTML 2Page - Intersil Corporation HIP4086_11 Datasheet HTML 3Page - Intersil Corporation HIP4086_11 Datasheet HTML 4Page - Intersil Corporation HIP4086_11 Datasheet HTML 5Page - Intersil Corporation HIP4086_11 Datasheet HTML 6Page - Intersil Corporation HIP4086_11 Datasheet HTML 7Page - Intersil Corporation HIP4086_11 Datasheet HTML 8Page - Intersil Corporation HIP4086_11 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
HIP4086, HIP4086A
2
FN4220.7
June 1, 2011
Block Diagram (forclarity,onlyonephaseisshown)
RDEL 7
xLI 4
RFSH 9
UVLO 8
VDD 20
DIS 10
xHI 5
2 uSec
Delay
Refresh
Pulse
Under
Voltage
Detector
10 nSec
delay
Adjustable
Turn-on
Delay
Level
Shifter
Charge
Pump*
xHO
17
xHB
16
xHS
18
xLO
21
VSS
6
VDD
100 mV
VDD
*The charge pump is
permanently disabled
in the HIP4086A.
common with
all phases
common with
all phases
common with
all phases
common with
all phases
EN
If the voltage on RDEL is less than 100 mV, the
turn-on delay timers are disabled and the high and
low-side drivers can be turned on simultaneously.
If under voltage is active or if
DIS is asserted, the high and
low-side drivers are turned off.
Adjustable
Turn-on
Delay
delay disable
drive enable
Truth Table
INPUT
OUTPUT
ALI, BLI, CLI
AHI, BHI, CHI
UV
DIS
RDEL
ALO, BLO, CLO
AHO, BHO, CHO
XXX
1
X
0
0
XX
1
X
X
0
0
1
X
0
0
>100mV
1
0
00
00
X01
01
00
X00
1
0
0
0
<100mV
1
1
NOTE: X signifies that input can be either a “1” or “0”.


Similar Part No. - HIP4086_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP4086A RENESAS-HIP4086A Datasheet
777Kb / 17P
   80V, 500mA, 3-Phase MOSFET Driver
logo
Intersil Corporation
HIP4086A INTERSIL-HIP4086A Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
HIP4086A INTERSIL-HIP4086A Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
HIP4086AABZ INTERSIL-HIP4086AABZ Datasheet
475Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
HIP4086AABZ INTERSIL-HIP4086AABZ Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
More results

Similar Description - HIP4086_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086ABZT INTERSIL-HIP4086ABZT Datasheet
475Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
logo
Renesas Technology Corp
HIP4086 RENESAS-HIP4086 Datasheet
777Kb / 17P
   80V, 500mA, 3-Phase MOSFET Driver
logo
Intersil Corporation
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
HIP4082 INTERSIL-HIP4082 Datasheet
308Kb / 12P
   80V, 1.25A Peak Current H-Bridge FET Driver
logo
Renesas Technology Corp
HIP4082 RENESAS-HIP4082 Datasheet
624Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
logo
Intersil Corporation
HIP4082IBZT INTERSIL-HIP4082IBZT Datasheet
302Kb / 12P
   80V, 1.25A Peak Current H-Bridge FET Driver
HIP4082IB INTERSIL-HIP4082IB Datasheet
309Kb / 14P
   80V, 1.25A Peak Current H-Bridge FET Driver
September 30, 2015
ISL6700 INTERSIL-ISL6700 Datasheet
255Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
logo
Renesas Technology Corp
ISL6700 RENESAS-ISL6700 Datasheet
435Kb / 8P
   80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com