Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS500L Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MDS500L
Description  500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MDS500L Datasheet(HTML) 3 Page - Microsemi Corporation

  MDS500L_08 Datasheet HTML 1Page - Microsemi Corporation MDS500L_08 Datasheet HTML 2Page - Microsemi Corporation MDS500L_08 Datasheet HTML 3Page - Microsemi Corporation MDS500L_08 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
IMPEDANCE DATA
FREQUENCY
Zsource (ohms)
Zload (ohms)
1030
1.90 – j1.60
1.79 – j1.51
1090
2.10 – j1.61
2.05 – j1.76
1150
2.26 – j1.82
2.21 – j2.21
Zsource
Zload


Similar Part No. - MDS500L_08

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MDS500L MICROSEMI-MDS500L Datasheet
267Kb / 4P
   high power COMMON BASE bipolar transistor
More results

Similar Description - MDS500L_08

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
10502 MICROSEMI-10502_10 Datasheet
86Kb / 4P
   500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
10502 MICROSEMI-10502 Datasheet
141Kb / 4P
   500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
TPR500A MICROSEMI-TPR500A Datasheet
37Kb / 1P
   500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
   500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
logo
GHz Technology
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
   500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
TPR500 GHZTECH-TPR500 Datasheet
272Kb / 3P
   500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
List of Unclassifed Man...
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
   400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
   150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
   175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
logo
Microsemi Corporation
MDS150 MICROSEMI-MDS150 Datasheet
97Kb / 3P
   150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com