Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2509ZXC-1T Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2509ZXC-1T
Description  Spread Aware?? Ten/Eleven Output Zero Delay Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2509ZXC-1T Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2509ZXC-1T Datasheet HTML 1Page - Cypress Semiconductor CY2509ZXC-1T Datasheet HTML 2Page - Cypress Semiconductor CY2509ZXC-1T Datasheet HTML 3Page - Cypress Semiconductor CY2509ZXC-1T Datasheet HTML 4Page - Cypress Semiconductor CY2509ZXC-1T Datasheet HTML 5Page - Cypress Semiconductor CY2509ZXC-1T Datasheet HTML 6Page - Cypress Semiconductor CY2509ZXC-1T Datasheet HTML 7Page - Cypress Semiconductor CY2509ZXC-1T Datasheet HTML 8Page - Cypress Semiconductor CY2509ZXC-1T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY2509/10
Document Number: 38-07230 Rev. *E
Page 5 of 11
Spread Aware™
Many systems being designed now utilize a technology called
Spread Spectrum Frequency Timing Generation. Cypress has
been one of the pioneers of SSFTG development, and we
designed this product so as not to filter off the Spread Spectrum
feature of the Reference input, assuming it exists. When a zero
delay buffer is not designed to pass the SS feature through, the
result is a significant amount of tracking skew which may cause
problems in systems requiring synchronization.
For more details on Spread Spectrum timing technology, please
see the Cypress application note titled, “EMI Suppression
Techniques with SSFTG ICs.”
How to Implement Zero Delay
Typically, Zero Delay Buffers (ZDBs) are used because a
designer wants to provide multiple copies of a clock signal in
phase with each other. The whole concept behind ZDBs is that
the signals at the destination chips are all going HIGH at the
same time as the input to the ZDB. In order to achieve this, layout
must compensate for trace length between the ZDB and the
target devices. The method of compensation is described below.
External feedback is the trait that allows for this compensation.
Since the PLL on the ZDB will cause the feedback signal to be
in phase with the reference signal. When laying out the board,
match the trace lengths between the output being used for feed
back and the FBIN input to the PLL.
If it is desirable to either add a little delay, or slightly precede the
input signal, this may also be affected by either making the trace
to the FBIN pin a little shorter or a little longer than the traces to
the devices being clocked.
Inserting Other Devices in Feedback Path
Another nice feature available due to the external feedback is the
ability to synchronize signals up to the signal coming from some
other device. This implementation can be applied to any device
(ASIC, multiple output clock buffer/driver, etc.) which is put into
the feedback path.
Referring to Figure 2, if the traces between the ASIC/buffer and
the destination of the clock signal(s) (A) are equal in length to the
trace between the buffer and the FBIN pin, the signals at the
destination(s) device will be driven HIGH at the same time the
Reference clock provided to the ZDB goes HIGH. Synchronizing
the other outputs of the ZDB to the outputs form the ASIC/Buffer
is more complex however, as any propagation delay in the
ASIC/Buffer must be accounted for.
3
19
20
21
22
6
5
4
7
15
16
17
18
10
9
8
13
14
12
11
1
23
24
2
GND
GND
GND
GND
AGND
FBIN
VDD
Q5
Q6
Q7
Q8
Q9
VDD
AVDD
CLK
FBOUT
OE
VDD
Q4
Q3
Q2
Q1
Q0
VDD
V
DD
VDD
0.1
F
V
DD
V
DD
10
F
3.3V
10
F
FB
FB
0.1
F
0.1
F
0.1
F
0.1
F
Figure 1. CY2510 Example Schematic
Reference
Signal
Feedback
Input
ASIC/
Buffer
Zero
Delay
Buffer
A
Figure 2. Additional Buffering Feedback Path Example
Schematic


Similar Part No. - CY2509ZXC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2509ZXC-1T CYPRESS-CY2509ZXC-1T Datasheet
153Kb / 6P
   Spread Aware?? Ten/Eleven Output Zero Delay Buffer
CY2509ZXC-1T CYPRESS-CY2509ZXC-1T Datasheet
157Kb / 6P
   Spread Aware Ten/Eleven Output Zero Delay Buffer
More results

Similar Description - CY2509ZXC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2509 CYPRESS-CY2509_09 Datasheet
157Kb / 6P
   Spread Aware Ten/Eleven Output Zero Delay Buffer
W132 CYPRESS-W132 Datasheet
135Kb / 6P
   Spread Aware, Ten/Eleven Output Zero Delay Buffer
CY2509 CYPRESS-CY2509_05 Datasheet
153Kb / 6P
   Spread Aware?? Ten/Eleven Output Zero Delay Buffer
CY2509 CYPRESS-CY2509 Datasheet
100Kb / 6P
   Spread Aware, Ten/Eleven Output Zero Delay Buffer
W132 CYPRESS-W132_04 Datasheet
230Kb / 7P
   Spread Aware짧, Ten/Eleven Output Zero Delay Buffer
W152 CYPRESS-W152 Datasheet
145Kb / 7P
   Spread Aware?? Eight Output Zero Delay Buffer
W163 CYPRESS-W163_02 Datasheet
95Kb / 5P
   Spread Aware?? Zero Delay Buffer
W152 CYPRESS-W152_02 Datasheet
150Kb / 8P
   Spread Aware?? Eight Output Zero Delay Buffer
W162 CYPRESS-W162 Datasheet
147Kb / 7P
   Spread Aware?? Zero Delay Buffer
W163 CYPRESS-W163 Datasheet
89Kb / 4P
   Spread Aware?? Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com