Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1645-24-53 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LXMG1645-24-53
Description  24V Quad 5W CCFL Inverter Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1645-24-53 Datasheet(HTML) 7 Page - Microsemi Corporation

  LXMG1645-24-53 Datasheet HTML 1Page - Microsemi Corporation LXMG1645-24-53 Datasheet HTML 2Page - Microsemi Corporation LXMG1645-24-53 Datasheet HTML 3Page - Microsemi Corporation LXMG1645-24-53 Datasheet HTML 4Page - Microsemi Corporation LXMG1645-24-53 Datasheet HTML 5Page - Microsemi Corporation LXMG1645-24-53 Datasheet HTML 6Page - Microsemi Corporation LXMG1645-24-53 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
© 2010
Rev. 1.0, 2010-10-13
R
Ra
an
ng
ge
eM
Ma
ax
x
S
Stta
ay
yL
LIIT
T
LXMG1645-24-53
24V Quad 5W CCFL Inverter Module
TM
®
NOTES
PRODUCTION DATA – Information contained in this document is proprietary to
Microsemi and is current as of publication date. This document may not be modified in
any way without the express written consent of Microsemi. Product processing does not
necessarily include testing of all parameters. Microsemi reserves the right to change the
configuration and performance of the product and to discontinue product at any time.


Similar Part No. - LXMG1645-24-53

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1645-12-51 MICROSEMI-LXMG1645-12-51 Datasheet
228Kb / 8P
   12V Quad 5W CCFL Inverter Module
LXMG1645-12-52 MICROSEMI-LXMG1645-12-52 Datasheet
228Kb / 8P
   12V Quad 5W CCFL Inverter Module
LXMG1645-12-5X MICROSEMI-LXMG1645-12-5X Datasheet
228Kb / 8P
   12V Quad 5W CCFL Inverter Module
More results

Similar Description - LXMG1645-24-53

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1645-12-5X MICROSEMI-LXMG1645-12-5X Datasheet
228Kb / 8P
   12V Quad 5W CCFL Inverter Module
LXM1622-12-XX MICROSEMI-LXM1622-12-XX Datasheet
239Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1622-05-XX MICROSEMI-LXM1622-05-XX Datasheet
243Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1640-01 MICROSEMI-LXM1640-01 Datasheet
184Kb / 5P
   DIRECT DRIVE QUAD LAMP CCFL INVERTER MODULE
LXMG1643-12-62 MICROSEMI-LXMG1643-12-62 Datasheet
192Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
logo
Micrel Semiconductor
LXM1643-12-62 MICREL-LXM1643-12-62 Datasheet
216Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
logo
Microsemi Corporation
LXMG1643-12-64 MICROSEMI-LXMG1643-12-64 Datasheet
196Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXM1643-12-63 MICROSEMI-LXM1643-12-63 Datasheet
180Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXM1643-12-61 MICROSEMI-LXM1643-12-61 Datasheet
224Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXMG1643-12-61 MICROSEMI-LXMG1643-12-61 Datasheet
187Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com