Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1645-12-5X Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LXMG1645-12-5X
Description  12V Quad 5W CCFL Inverter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1645-12-5X Datasheet(HTML) 1 Page - Microsemi Corporation

  LXMG1645-12-5X Datasheet HTML 1Page - Microsemi Corporation LXMG1645-12-5X Datasheet HTML 2Page - Microsemi Corporation LXMG1645-12-5X Datasheet HTML 3Page - Microsemi Corporation LXMG1645-12-5X Datasheet HTML 4Page - Microsemi Corporation LXMG1645-12-5X Datasheet HTML 5Page - Microsemi Corporation LXMG1645-12-5X Datasheet HTML 6Page - Microsemi Corporation LXMG1645-12-5X Datasheet HTML 7Page - Microsemi Corporation LXMG1645-12-5X Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2010
Rev. 1.0, 2010-12-23
R
Ra
an
ng
ge
eM
Ma
ax
x
S
Stta
ay
yL
LIIT
T
LXMG1645-12-5x
12V Quad 5W CCFL Inverter Module
TM
®
DESCRIPTION
The LXMG1645-12-51 and LXMG1645-
12-52 are Quad 5W Output CCFL (Cold
Cathode
Fluorescent
Lamp)
Inverter
Modules specifically designed for driving
15” to 18”quad lamp LCD panels.
The inverters include two dimming
inputs
that
provide
brightness
control,
V_BRITE and P_BRITE.
A voltage on
V_BRITE pin adjusts the lamp current
amplitude with 0V providing maximum
brightness.
The P_BRITE input accepts a
low frequency PWM signal which directly
controls the lamp drive waveform.
This
PWM
RangeMAX™
Digital
Dimming
Technique provides flicker-free brightness
control over a wide range (typically 50:1+).
The
maximum
output
current
is
externally programmable using the SET1 and
SET2 pins on the input connector over a
range of 6mA to 7.5mA in 0.5mA steps.
This allows the inverter to be properly
matched to a wide array of LCD panel
lamp current specifications, a function
which we call PanelMatch™.
In
addition
the
inverter
has
a
dedicated V_STATUS pin that indicates a
fault has occurred such as an open or
shorted lamp. V_STATUS is an open
drain configuration whose output is low
during normal operation.
When one or
more lamps sustain a fault the other
lamp(s) will continue to operate and the
V_STATUS pin will toggle high.
This
mode of operation during lamp(s) failure
is called StayLIT™ since the panel is able
to still remain on although at reduced
brightness.
Other benefits of this new topology
are stable fixed-frequency operation and
secondary-side strike-voltage regulation.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
Protected By U.S. Patents: 5,923,129; 5,930,121; 6,198,234; Patents Pending
KEY FEA T URES
StayLIT™ Redundancy
PanelMatch™ Adjustable
Output Current
V_STATUS Fault Output
Dual Brightness Control Inputs
RangeMAX™ Wide Range
Dimming
Output Short-Circuit Protection
and Automatic Strike-Voltage
Regulation
Fixed Frequency Operation
Rated From -30 to 80°C
UL 60950 Pending
RoHS Compliant
APPLICA T IONS
High Brightness Displays
Desktop Displays
Medical Monitors
BENEFITS
Smooth, Flicker Free 10-
100% Full-Range Brightness
Control
PRODUCT HIGHLIG HT
LXMG1645-12-51
HI
HI
Lamp Current Programmable from 6mA to 7.5mA per Lamp in 0.5mA Steps
Lamp Fault Signal
HI
HI
TWO DIMMING INPUTS - PWM" AND VDC, OR POTENTIOMETER
PACKAGE ORDER INFO
PART NUMBER
OUTPUT CONNECTORS
INVERTER MATES DIRECTLY
TO
PANEL CONNECTORS
LXMG1645-12-51
Four JST SM02(8.0) B-BHS-1-TB(LF)(SN) or Yeon Ho 20015WR-05A00
or equivalent connectors
JST BHR-03VS-1 or
equivalent connectors
LXMG1645-12-52
Four JST SM02B-BHSS-1-TB(LF)(SN) or Yeon Ho 35001WR-02A00 or
equivalent connectors
JST BHSR-02VS-1 or
equivalent connectors


Similar Part No. - LXMG1645-12-5X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1645-24-53 MICROSEMI-LXMG1645-24-53 Datasheet
203Kb / 7P
   24V Quad 5W CCFL Inverter Module
More results

Similar Description - LXMG1645-12-5X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1645-24-53 MICROSEMI-LXMG1645-24-53 Datasheet
203Kb / 7P
   24V Quad 5W CCFL Inverter Module
LXMG1643-12-64 MICROSEMI-LXMG1643-12-64 Datasheet
196Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXM1643-12-63 MICROSEMI-LXM1643-12-63 Datasheet
180Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXM1643-12-61 MICROSEMI-LXM1643-12-61 Datasheet
224Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXMG1643-12-62 MICROSEMI-LXMG1643-12-62 Datasheet
192Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
logo
Micrel Semiconductor
LXM1643-12-62 MICREL-LXM1643-12-62 Datasheet
216Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
logo
Microsemi Corporation
LXMG1643-12-61 MICROSEMI-LXMG1643-12-61 Datasheet
187Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXMG1643-12-63 MICROSEMI-LXMG1643-12-63 Datasheet
193Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXMG1644-12-61 MICROSEMI-LXMG1644-12-61 Datasheet
186Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXM1644-12-61 MICROSEMI-LXM1644-12-61 Datasheet
199Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com