Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMG1617A-03-21 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LXMG1617A-03-21
Description  3.3V 2.2W CCFL Programmable Inverter Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXMG1617A-03-21 Datasheet(HTML) 5 Page - Microsemi Corporation

  LXMG1617A-03-21 Datasheet HTML 1Page - Microsemi Corporation LXMG1617A-03-21 Datasheet HTML 2Page - Microsemi Corporation LXMG1617A-03-21 Datasheet HTML 3Page - Microsemi Corporation LXMG1617A-03-21 Datasheet HTML 4Page - Microsemi Corporation LXMG1617A-03-21 Datasheet HTML 5Page - Microsemi Corporation LXMG1617A-03-21 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2007
Rev. 1.1, 2010-02-26
P
Pa
an
ne
ellM
Ma
attc
ch
h
"
"A
A S
Se
er
riie
ess"
"
LXMG1617A-03-2x
3.3V 2.2W CCFL Programmable Inverter Module
TM
®
TYPICAL APPLICA T ION
LXMG1617A-03-2x
3.3V
SET2
GND
VHI
VLO
BRITE
VIN
SLEEP
SET1
0V to
2.0V
DAC or
Pot
CCFL
TUBE
NC
NC
500k
806
Optional
Resistor
to adjust
minimum
dimming
level
Figure 1
– Brightness Control
(Output current set to maximum)
P.W.
10µs to 500µS
BRITE
LXMG1617A-03-2x
0 < P.W. < 100% of period
PWM Signal
from System
Figure 1A
– PWM Brightness Control
LXMG1617A-03-2x
SET2
GND
VHI
VLO
SLEEP
SET1
CCFL
TUBE
BRITE
3.3V
VIN
L
L
3.5mARMS
L
H
4.0mARMS
H
L
4.5mARMS
H
H
5.0mARMS
L=GND; H= Open
Figure 2
– Max Output Current
(SET1 and SET2 Inputs)
The brightness control may be a voltage output DAC or other
voltage source, a digital pot or 500k manual pot. The inverter
contains an internal 215k pull-up to 3V to bias the pot, it may
be necessary to add a small value resistor in series with the
ground side of the POT to set the lower threshold voltage
above the absolute minimum dim level capability, especially
when both SET pins are programmed low. A PWM logic level
signal (figure 1A) may be used up to 5V; however the inverter
will reach maximum current at less than 100% duty cycle.
This can be calculated as approximately 2V divided by the
logic high voltage level; with 3.3V logic level this corresponds
to about 60% duty cycle for maximum lamp current.
If you need to turn the inverter ON/OFF remotely, connect to
TTL logic signal to the
SLEEP input.
Connect VHI to high voltage wire from the lamp. Connect VLO
to the low voltage wire (wire with thinner insulation). Never
connect VLO to circuit ground as this will defeat lamp current
regulation.
If both lamp wires have heavy high voltage
insulation, connect the longest wire to VLO.
This wire is
typically white.
Use the SET1 and SET2 (see Figure 2) inputs to select the
desired maximum output current.
Using these two pins in
combination allows the inverter to match a wide variety of
panels from different manufacturers. Generally the best lamp
lifetime correlates with driving the CCFL at the manufacture’s
nominal current setting. However the SET1 and SET2 inputs
allow the user the flexibility to adjust the current to the
maximum allowable output current to increase panel brightness
at the expense of some reduced lamp life.
Although the SET pins are designed such that just leaving them
open or grounding them is all that is needed to set the output
current, they can also be actively set. Using an open collector
or open drain logic signal will allow you to reduce the lamp
current for situations where greater dim range is required, as an
example in nighttime situations. In conjunction with a light
sensor or other timer the panel could be set to higher brightness
(maximum output current) for daytime illumination and lower
brightness (minimum or typical output current) at nighttime.
Since the dim ratio is a factor of both the burst duty cycle and
the peak output current, using this technique the effective dim
ratio can be increased greater than the burst duty cycle alone.
Conversely, the SET inputs could be used to overdrive the
lamp temporarily to facilitate faster lamp warm up at initial
lamp turn on. Of course any possible degradation on lamp life
from such practices is the user’s responsibility since not all
lamps are designed to be overdriven.
The inverter has a built in fault timeout function. If the output
is open (lamp disconnected or broken) or shorted the inverter
will attempt to strike the lamp up to about one second, after
which (without success) the inverter will shutdown, in this
mode the inverter will draw about 8mA from VIN. In order to
restart the inverter it is necessary to toggle the sleep input or
cycle the VIN input supply.


Similar Part No. - LXMG1617A-03-21

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1617A-03-21 MICROSEMI-LXMG1617A-03-21 Datasheet
188Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
More results

Similar Description - LXMG1617A-03-21

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1618-03-2X MICROSEMI-LXM1618-03-2X Datasheet
181Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1618A-03-2X MICROSEMI-LXMG1618A-03-2X Datasheet
183Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1618-03-2X MICROSEMI-LXMG1618-03-2X Datasheet
168Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXM1617-03-2X MICROSEMI-LXM1617-03-2X Datasheet
182Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1617-03-2X MICROSEMI-LXMG1617-03-2X Datasheet
169Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1617A-03-2X MICROSEMI-LXMG1617A-03-2X Datasheet
188Kb / 6P
   3.3V 2.2W CCFL Programmable Inverter Module
LXMG1617A-05-2X MICROSEMI-LXMG1617A-05-2X Datasheet
188Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1617A-05-2X MICROSEMI-LXMG1617A-05-2X_10 Datasheet
186Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXM1618-05-2X MICROSEMI-LXM1618-05-2X Datasheet
180Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
LXMG1617-05-2X MICROSEMI-LXMG1617-05-2X Datasheet
168Kb / 6P
   5V 2.2W CCFL Programmable Inverter Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com