Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8941CDD-TR Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX8941CDD-TR
Description  Adjustable Low Dropout Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8941CDD-TR Datasheet(HTML) 4 Page - Microsemi Corporation

  LX8941CDD-TR Datasheet HTML 1Page - Microsemi Corporation LX8941CDD-TR Datasheet HTML 2Page - Microsemi Corporation LX8941CDD-TR Datasheet HTML 3Page - Microsemi Corporation LX8941CDD-TR Datasheet HTML 4Page - Microsemi Corporation LX8941CDD-TR Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LX8941
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Adjustable Low Dropout Regulator
TM
®
Copyright
© 2001
Rev. 1.0, 2011-02-04
PACKAGE DIMENSIONS
DD
5-Pin Plastic TO-263
A
B
K
I
F
H
C
D
0° -8°
M
N
J
Seating Plane
E
G
Dim
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
10.03
10.67
0.395
0.420
B
8.51
9.17
0.335
0.361
C
4.19
4.59
0.165
0.181
D
1.14
1.40
0.045
0.055
E
0.330
0.51
0.013
0.020
F
0.74
0.89
0.029
0.035
G
1.57
1.83
0.062
0.072
H
2.29
2.79
0.090
0.110
I
1.65
0.065
J
0
0.25
0
0.010
K
14.60
15.87
0.575
0.625
M
N
P
5-Pin Plastic TO-220
A
G
F
B
D
C
J
R
K
N
S
T
15
Note:
1. Dimensions do not include mold flash or protrusions;
these shall not exceed 0.155mm(.006”) on any side.
Lead dimension shall not include solder coverage.
Dim
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
14.23
16.51
0.560
0.650
B
9.66
10.66
0.380
0.420
C
3.56
4.82
0.140
0.190
D
0.46
0.89
0.018
0.035
F
3.56
4.06
0.140
0.160
G
3.40
0.134
J
0.31
1.14
0.012
0.045
K
12.70
14.73
0.500
0.580
N
6.80 TYP
0.268 TYP
R
2.04
2.92
0.080
0.115
S
1.14
1.39
0.045
0.055
T
5.85
6.85
0.230
0.270


Similar Part No. - LX8941CDD-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8941CDD MICROSEMI-LX8941CDD Datasheet
125Kb / 3P
   ADJUSTABLE LOW DROPOUT REGULATOR
LX8941CDD MICROSEMI-LX8941CDD Datasheet
148Kb / 5P
   TM Adjustable Low Dropout Regulator
More results

Similar Description - LX8941CDD-TR

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK11900 TOKO-TK11900 Datasheet
73Kb / 10P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Analog Devices
ADP3334 AD-ADP3334_15 Datasheet
432Kb / 11P
   Adjustable Low Dropout Regulator
REV. C
logo
Analog Intergrations Co...
AIC1741 AIC-AIC1741 Datasheet
77Kb / 6P
   LOW DROPOUT ADJUSTABLE REGULATOR
logo
Analog Devices
ADP3336 AD-ADP3336_15 Datasheet
392Kb / 9P
   Adjustable Low Dropout Regulator
REV. A
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941 Datasheet
125Kb / 3P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com