Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX13088CLD-TR Datasheet(PDF) 11 Page - Microsemi Corporation

Part # LX13088CLD-TR
Description  Dual 1A Step-Down Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX13088CLD-TR Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button LX13088CLD-TR Datasheet HTML 4Page - Microsemi Corporation LX13088CLD-TR Datasheet HTML 5Page - Microsemi Corporation LX13088CLD-TR Datasheet HTML 6Page - Microsemi Corporation LX13088CLD-TR Datasheet HTML 7Page - Microsemi Corporation LX13088CLD-TR Datasheet HTML 8Page - Microsemi Corporation LX13088CLD-TR Datasheet HTML 9Page - Microsemi Corporation LX13088CLD-TR Datasheet HTML 10Page - Microsemi Corporation LX13088CLD-TR Datasheet HTML 11Page - Microsemi Corporation LX13088CLD-TR Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LX13088
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 11
Copyright
© 2010
Rev. 1.1, 2010-06-08
Dual 1A Step-Down Converters
TM
®
OPERATION
E/S DECODER LOGIC
The E/S pin serves a dual purpose. It will enable the IC if it
detects either a valid clock signal or a static high logic level. A
static low logic level for longer than 4µs is determined to be a
shutdown signal. The decode logic is shown below. The One-
shot function will produce a logic high output (Clock Detect) as
long as the E/S pin is toggling. Clock Detect is used to keep
ENABLE high and to select the E/S clock as the system clock.
If E/S is a static high (non-toggling) input, the retriggerable
one-shot will go low after 4µs; this will set Clk Det low and
select the internal oscillator as the system clock.
SYNCHRONIZATION
The converters can be synchronized to an external system
clock present at the E/S input pin. During synchronization, the
converter’s switching frequency will be ½ the frequency of the
external clock, and the two converters will still be 180 degrees
out of phase. The lock in frequency for synchronization is
specified to be between 1.5MHz to 3MHz, minimum sync pulse
width is 100ns.
OVER TEMPERATURE PROTECTION
If an over temperature fault occurs, the DC-DC converter will
stop switching and the SW# outputs will become high
impedance. Note that the temperature fault occurs at a die
temperature of approximately 160˚C. When the IC cools down,
it will attempt to resume switching. If a POR is activated as a
result of the OT situation, restart will be subject to the soft
start/sequencing routine and will not occur until the OT
condition has been corrected.
The device junction temperature is a function of the device’s
total power dissipation, the junction to ambient thermal
resistance, and the ambient temperature:
(
)
JA
TOTAL
P
A
T
J
T
θ
×
+
=
The total power dissipated by the LX13088 device, PTOTAL,
will be comprised of the power dissipated by the RMS current
flowing through the internal high-side FET during the duty
cycle D time, by the RMS current flowing through the
synchronous rectifier during 1-D time, by the switching or
transitioning of the FET, and of the power dissipated by the
device supply current.
INDUCTOR SELECTION
A 3.3µH ±20% inductor is suggested as the internal
compensation has been optimized around this inductor value. A
3.3µH is a good compromise, since for an output voltage
ranging from VOUT = 1V to VOUT = 4V, loaded at 1A, the
LIR or the ratio of inductor ripple current to output load will
range from about 20% to 30%, assuming VIN = 5V and the
converter switching at 1.3MHz.
OUTPUT CAPACITOR
To ensure stability and good load transient response, use at
least a 10µF output capacitor for converter 1, and a 20µF or
greater for converter 2. Output ceramics capacitors with low
ESR are suitable.
SETTING THE OUTPUT VOLTAGE
The LX13088 converter’s maximum duty cycle is
approximately 90%. For a 5V input, 90% duty cycle will be
achieved for an output voltage of about 4V loaded at 1A.
To set the output voltage, connect a resistive divider from the
output to the FBx pin to signal ground. Note that the feedback
voltage is 1.0V. For the desired output voltage VOUT, the
upper resistor from VOUT to FB (RUPPER) is calculated by the
following equation:
×
=
1
VFB
VOUT
LOWER
R
UPPER
R
RLOWER, or the resistor from FBx pin to ground, is selected to be
20kΩ. VFB = 1V, and VOUT is chosen by the designer for the
given application.


Similar Part No. - LX13088CLD-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
LX13088ACLD MICROSEMI-LX13088ACLD Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
LX13088ACLD-TR MICROSEMI-LX13088ACLD-TR Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
More results

Similar Description - LX13088CLD-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
logo
Richtek Technology Corp...
RT8056 RICHTEK-RT8056 Datasheet
295Kb / 11P
   Dual 1A 1.5MHz Synchronous Step-Down Converters
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
   Dual 1A 1.5MHz Synchronous Step-Down Converters
RT8012A RICHTEK-RT8012A Datasheet
276Kb / 14P
   Dual 1A/1.5A-1.2MHz Synchronous Step-Down Converters
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080_V01 Datasheet
1Mb / 19P
   1A, 40V, MAXPower Step-Down DC-DC Converters
2018
MAX5080 MAXIM-MAX5080 Datasheet
962Kb / 19P
   1A, 40V, MAXPower Step-Down DC-DC Converters
Rev 1; 2/07
logo
Exar Corporation
XRP6668IDBTR-F EXAR-XRP6668IDBTR-F Datasheet
614Kb / 11P
   1A/1A Dual Channel 1.5MHz Sync. Step Down Converter
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
   Dual 1.5MHz, 1A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com