Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8211-00ISE-TR Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX8211-00ISE-TR
Description  150mA CMOS Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8211-00ISE-TR Datasheet(HTML) 5 Page - Microsemi Corporation

  LX8211-00ISE-TR Datasheet HTML 1Page - Microsemi Corporation LX8211-00ISE-TR Datasheet HTML 2Page - Microsemi Corporation LX8211-00ISE-TR Datasheet HTML 3Page - Microsemi Corporation LX8211-00ISE-TR Datasheet HTML 4Page - Microsemi Corporation LX8211-00ISE-TR Datasheet HTML 5Page - Microsemi Corporation LX8211-00ISE-TR Datasheet HTML 6Page - Microsemi Corporation LX8211-00ISE-TR Datasheet HTML 7Page - Microsemi Corporation LX8211-00ISE-TR Datasheet HTML 8Page - Microsemi Corporation LX8211-00ISE-TR Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2000
Rev. 1.0d, 2007-08-29
LX8211
150mA CMOS Low Dropout Regulator
PRODUCTION DATA SHEET
TM
®
APPLICATION INFORMATION
Description
The LX8211 is a family of LDO (Low Drop-Out) linear regulators in a
small SOT-23 Package, which provides a compact and cost effective
solution. The family includes several fixed output voltages, along with
an adjustable version. The internal PMOS power device provides low
dropout regulation with fast line and load transient response. It also
includes internal current limit and thermal shutdown circuitry. In this
section you will find information about selection of external
capacitors, thermal and layout consideration.
Input Capacitor
To improve load transient response and noise rejection a bypass
capacitor is recommended, but it is not required for stability. There are
no requirements for the ESR (Equivalent Series Resistor) on the input
capacitor, but tolerance and temperature coefficient must be
considered when selecting the capacitor to ensure the capacitor will be
around 1uF over the entire operating temperature range. For LX8211
connect ceramic type capacitor (1uF) between VIN and ground.
Output Capacitor
To maintain a constant output voltage a feedback loop is necessary.
The feedback loop causes a well known a phase shift, the amount of
phase shift determines the loop stability. Therefore, LX8211 like any
low-dropout regulator, requires an output capacitor with low ESR
(Equivalent Series Resistor) connected between VOUT and GND to
stabilize the internal control loop. For the LX8211 a ceramic, tantalum
or electrolytic capacitor with the minimum recommended capacitance
value at 1.0 uF with ESR between 5mΩ and 1Ω will satisfy the
stability for whole operating range.
Bypass Capacitor (Optional) / Adjustable Output
Voltage
The LX8211 includes the extra Bypass pin to help further reduce the
already low output noise in the regulator. If the output noise
requirement meets the specification, omit the bypass capacitor, that’s
because the capacitor impacts the start up time which is inversely
proportional to the size of bypass capacitor. The bypass capacitor
reduces the regulator phase margin, therefore it requires a larger output
capacitor to maintain stability.
The LX8211-00 adjustable regulator’s output voltage can be externally
set by connecting the ADJ pin to an external resistor divider (See
Figure 1). The output voltage can be calculated using:
⎛ +
=
2
R
1
R
1
V
OUT
ADJ
V
Enable
The Enable pin allows the LX8211 to be turned on and off. The Enable
pin is compatible with standard TTL-CMOS levels. A logic zero
(0.4V) on the Enable pin shuts the LX8211 off and reduces the supply
current to less than 1uA. Pulling the Enable input high (2.0V) causes
normal operation to resume. If the Enable feature is not used, this pin
can be connected to VIN.
Minimum Load Requirement
The LX8211 is stable even at zero load; no minimum load is required
for operation, which is especially important in keep-alive applications.
However line regulation is improved with a minimum load of 100uA.
Temperature Protection
The thermal protection shuts the LX8211 down when the junction
temperature exceeds approximately 1500C, there is no appreciable
thermal hysteresis.
Short Circuit Current Protection
The LX8211 includes over current protection, when the output load
current exceeds typically 400mA the circuit forces the regulator
decrease in output.
Thermal Consideration
Thermal shutdown protects the integrated circuit from thermal
overload caused from a rise in junction temperature during power
dissipation. This means of protection is intended for fault protection
only and not as a means of current or power limiting during normal
application usage. Proper thermal evaluation should be done to ensure
that the junction temperature dose not exceed it’s maximum rating.
Operating at the maximum TJ of 150°C can impact reliability . Due to
variation in individual device electrical characteristics and thermal
resistance , the built in thermal overload protection may be activated at
power levels slightly above or below the rated dissipation.
Power dissipation for regulator can be calculated using the following
equation:
PD = (VIN(MAX)-VOUT(MIN)) * IOUT(MAX)
(Note: power dissipation resulting from quiescent current is negligible)
For the SOT23 package, thermal resistance,
θJA is 2200C/W when
mounted on a FR4 copper clad PCB. Junction temperature of the
integrated circuit can be calculated using:
TJ = TA + TRISE, substituting: TA + (PD * θJA).
An example: Given conditions: TA = 60°C, VIN= 4.2V, VOUT= 2.7V,
IOUT= 100mA.
Calculated values:
Total Power dissipation
PD(total) = (4.2-2.7) V * 0.1A =0.15W
Junction Temperature
TJ = 60°C +(0.15W *220°C/W) = 93°C
Layout Consideration:
The layout must be done with low impedance paths for VIN, VOUT and
Ground by applying sufficient wide traces to avoid voltage drops and
pick up noise. Adding an area of PCB copper to the GND pin (pin2)
will reduce the overall
θ
JA since it is thermally connected to the device
substrate. This will lower the device junction temperature improving
the overall output accuracy. The input/output capacitors must be placed
as close as possible to the voltage regulator output pin. To allow the
same voltage reference for all circuits, use a star configuration from the
output capacitor to the different loads.


Similar Part No. - LX8211-00ISE-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8211-00ISE MICROSEMI-LX8211-00ISE Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
More results

Similar Description - LX8211-00ISE-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221_06 Datasheet
201Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
   Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
Microsemi Corporation
LX8211A MICROSEMI-LX8211A Datasheet
269Kb / 9P
   150mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com