Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8221BIDU-TR Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX8221BIDU-TR
Description  Dual 150mA CMOS Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8221BIDU-TR Datasheet(HTML) 8 Page - Microsemi Corporation

  LX8221BIDU-TR Datasheet HTML 1Page - Microsemi Corporation LX8221BIDU-TR Datasheet HTML 2Page - Microsemi Corporation LX8221BIDU-TR Datasheet HTML 3Page - Microsemi Corporation LX8221BIDU-TR Datasheet HTML 4Page - Microsemi Corporation LX8221BIDU-TR Datasheet HTML 5Page - Microsemi Corporation LX8221BIDU-TR Datasheet HTML 6Page - Microsemi Corporation LX8221BIDU-TR Datasheet HTML 7Page - Microsemi Corporation LX8221BIDU-TR Datasheet HTML 8Page - Microsemi Corporation LX8221BIDU-TR Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2000
Rev. 1.1a, 2006-01-19
LX8221
Dual 150mA CMOS Low Dropout Regulator
PRODUCTION DATA SHEET
TM
®
PACKAGE DIMENSIONS
DU
10-Pin Plastic MSOP
C
G
F
B
A
J
D
P
H
*Lead Coplanarity
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
2.85
3.05
0.112
0.120
B
2.90
3.10
0.114
0.122
C
-
1.10
-
0.043
D
0.16
0.31
0.006
0.0124
F
0.40
0.60
0.015
0.023
G
0.50 BSC
0.019 BSC
H
0.050
0.150
0.002
0.006
J
0.10
-
0.004
-
P
4.75
5.05
0.187
0.198
*LC
-
0.10
-
0.004
Note:
Dimensions do not include mold flash or protrusions; these shall not exceed 0.155mm(.006”) on any side. Lead dimension shall not
include solder coverage.


Similar Part No. - LX8221BIDU-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8221BIDU MICROSEMI-LX8221BIDU Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
More results

Similar Description - LX8221BIDU-TR

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
Power Analog Micoelectr...
PAM3102 PAM-PAM3102 Datasheet
301Kb / 11P
   Dual 150mA High PSRR Low-Dropout CMOS Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Leshan Radio Company
LR6155 LRC-LR6155 Datasheet
648Kb / 9P
   150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com