Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8384X-XX Datasheet(PDF) 11 Page - Microsemi Corporation

Part # LX8384X-XX
Description  5A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8384X-XX Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button LX8384X-XX_06 Datasheet HTML 3Page - Microsemi Corporation LX8384X-XX_06 Datasheet HTML 4Page - Microsemi Corporation LX8384X-XX_06 Datasheet HTML 5Page - Microsemi Corporation LX8384X-XX_06 Datasheet HTML 6Page - Microsemi Corporation LX8384X-XX_06 Datasheet HTML 7Page - Microsemi Corporation LX8384X-XX_06 Datasheet HTML 8Page - Microsemi Corporation LX8384X-XX_06 Datasheet HTML 9Page - Microsemi Corporation LX8384X-XX_06 Datasheet HTML 10Page - Microsemi Corporation LX8384X-XX_06 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Microsemi Inc.
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 11
Copyright
© 2000
Rev. 2.1f, 2006-01-20
LX8384x-xx
5A Low Dropout Positive Regulators
PRODUCTION DATA SHEET
TM
®
NOTES
Pentium is a registered trademark of Intel Corporation. Cyrix is a registered trademark
and 6x86 is a trademark of the Cyrix Corporation. K5 is a registered trademark of AMD.
PRODUCTION DATA – Information contained in this document is proprietary to
LinFinity and is current as of publication date. This document may not be modified in any
way without the express written consent of LinFinity. Product processing does not
necessarily include testing of all parameters. LinFinity reserves the right to change the
configuration and performance of the product and to discontinue product at any time.


Similar Part No. - LX8384X-XX_06

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
More results

Similar Description - LX8384X-XX_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8554-XX MICROSEMI-LX8554-XX Datasheet
198Kb / 7P
   5A EXTREMELY LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Linear Technology
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com